Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3662CP-V5 Arkusz danych(PDF) 10 Page - Rohm

Numer części BA3662CP-V5
Szczegółowy opis  300mA Variable Output LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5 Arkusz danych(HTML) 10 Page - Rohm

Back Button BA3662CP-V5 Datasheet HTML 6Page - Rohm BA3662CP-V5 Datasheet HTML 7Page - Rohm BA3662CP-V5 Datasheet HTML 8Page - Rohm BA3662CP-V5 Datasheet HTML 9Page - Rohm BA3662CP-V5 Datasheet HTML 10Page - Rohm BA3662CP-V5 Datasheet HTML 11Page - Rohm BA3662CP-V5 Datasheet HTML 12Page - Rohm BA3662CP-V5 Datasheet HTML 13Page - Rohm BA3662CP-V5 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/14
BA3662CP-V5
Datasheet
TSZ02201-0R6R0A600110-1-2
26.Jun.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Operational Notes
1. Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings (such as the input voltage or operating temperature range) may
result in damage to the IC. Assumptions should not be made regarding the state of the IC (e.g., short mode or open
mode) when such damage is suffered. If operational values are expected to exceed the maximum ratings for the device,
consider adding protective circuitry (such as fuses) to eliminate the risk of damaging the IC.
2. Electrical characteristics described in these specifications may vary, depending on temperature, supply voltage, external
circuits and other conditions. Therefore, be sure to check all relevant factors, including transient characteristics.
3. GND potential
The potential of the GND pin must be the minimum potential in the system in all operating conditions. Ensure that no pins
are at a voltage below the GND at any time, regardless of transient characteristics.
4. Ground wiring pattern
When using both small-signal and large-current GND traces, the two ground traces should be routed separately but
connected to a single ground potential within the application in order to avoid variations in the small-signal ground caused
by large currents.
Also ensure that the GND traces of external components do not cause variations on GND voltage.
The power supply and ground lines must be as short and thick as possible to reduce line impedance.
5. Inter-pin shorts and mounting errors
Use caution when orienting and positioning the IC for mounting on printed circuit boards. Improper mounting may result in
damage to the IC. Shorts between output pins or between output pins and the power supply or GND pins (caused by
poor soldering or foreign objects) may result in damage to the IC.
6. Operation in strong electromagnetic fields
Using this product in strong electromagnetic fields may cause IC malfunction. Caution should be exercised in applications
where strong electromagnetic fields may be present.
7. Testing on application boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance pin may subject the IC to
stress. Always discharge capacitors completely after each process or step. The IC’s power supply should always be
turned off completely before connecting or removing it from a jig or fixture during the evaluation process. To prevent
damage from static discharge, ground the IC during assembly and use similar precautions during transport and storage.
8.
Power dissipation
If IC is used on condition that the power loss is over the power dissipation, the reliability will become worse by heat up. The
power dissipation that is described to the absolute maximum rating in this specification is a value when the heat sink is not
populated. In this case it exceed the power dissipation, please consider using the heat sink,etc. Also, be sure to use this IC
within a power dissipation range allowing enough of margin.
9. Thermal consideration
Use a thermal design that allows for a sufficient margin in light of the Pd in actual operating conditions.
Consider Pc that does not exceed Pd in actual operating conditions. (Pd≧Pc)
Tjmax : Maximum junction temperature=150℃,
Ta
: Peripheral temperature [℃],
θja
: Thermal resistance of package-ambience[℃/W], Pd
: Package Power dissipation [W],
Pc
: Power dissipation [W],
Vcc : Input Voltage,
Vo
: Output Voltage,
Io : Load,
Ib : Bias Current
Package Power dissipation
: Pd (W)=(Tjmax-Ta)/θja
Power dissipation
: Pc (W)=(Vcc-Vo)×Io+Vcc×Ib
10. Vcc pin
Insert a capacitor (capacitor≧above 0.33µF) between the Vcc and GND pins.
The appropriate capacitance value varies
by application.
Be sure to allow a sufficient margin for input voltage levels.


Podobny numer części - BA3662CP-V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

Podobny opis - BA3662CP-V5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com