Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74407000082 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74407000082
Szczegółowy opis  Spezifikation f체r Freigabe / specification for release
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74407000082 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74407000082 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74407000082 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74407000082 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
12,00 ± 0,1
mm
C
16,0 ± 0,2
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
ME
09-04-21
ME
08-11-26
ME
08-04-14
ME
08-02-14
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 3
Version 4
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
74407000082
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
DATUM / DATE : 2009-04-21
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
A
B
C
Ø c
a
d
b
no component /
200 mm min.
components
no components /
400 mm min.
End
Start
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every
electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
XXX
XXX
SEITE 3 VON 3


Podobny numer części - 74407000082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74407000018 WURTH-74407000018 Datasheet
121Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74407000047 WURTH-74407000047 Datasheet
120Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

Podobny opis - 74407000082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744771147W WURTH-744771147W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
7490220121 WURTH-7490220121 Datasheet
200Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900033 WURTH-74402900033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
30-410 ETC-30-410 Datasheet
186Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
74407000018 WURTH-74407000018 Datasheet
121Kb / 3P
   Spezifikation f체r Freigabe / specification for release
749118115 WURTH-749118115 Datasheet
124Kb / 2P
   Spezifikation f체r Freigabe specification for release
744761033A WURTH-744761033A Datasheet
133Kb / 1P
   Spezifikation f체r Freigabe / specification for release
74402800033 WURTH-74402800033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
742792115 ETC2-742792115 Datasheet
148Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
7490220122 WURTH-7490220122 Datasheet
216Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com