Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS33 Arkusz danych(PDF) 10 Page - Orister Corporation

Numer części SS33
Szczegółowy opis  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ORISTER [Orister Corporation]
Strona internetowa  http://www.orister.com
Logo ORISTER - Orister Corporation

SS33 Arkusz danych(HTML) 10 Page - Orister Corporation

Back Button SS33 Datasheet HTML 2Page - Orister Corporation SS33 Datasheet HTML 3Page - Orister Corporation SS33 Datasheet HTML 4Page - Orister Corporation SS33 Datasheet HTML 5Page - Orister Corporation SS33 Datasheet HTML 6Page - Orister Corporation SS33 Datasheet HTML 7Page - Orister Corporation SS33 Datasheet HTML 8Page - Orister Corporation SS33 Datasheet HTML 9Page - Orister Corporation SS33 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page No. : 10/10
DS‐RS6516‐05    February, 2010 
www.Orister.com
 
 
Important Notice: 
 
© Orister Corporation 
Orister cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an Orister product. 
No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. 
 
Orister  reserves  the  right  to  make  changes  to  their  products  or  specifications  or  to  discontinue  any  product  or  service 
without notice. Except as provided in Orister’s terms and conditions of sale, Orister assumes no liability whatsoever, and 
Orister disclaims any express or implied warranty relating to the sale and/or use of Orister products including liability or 
warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other 
intellectual  property  right.  In  order  to  minimize  risks  associated  with  the  customer’s  applications,  adequate  design  and 
operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other 
quality control techniques are utilized to the extent Orister deems necessary to support this warranty. Specific testing of 
all parameters of each device is not necessarily performed.  
 
Orister and the Orister logo are trademarks of Orister Corporation. All other brand and product names appearing in this 
document are registered trademarks or trademarks of their respective holders. 
 
 
 


Podobny numer części - SS33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
SS33 FORMOSA-SS33 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS33 YINT-SS33 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS33 VISHAY-SS33 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 04-Aug-15
logo
Galaxy Semi-Conductor H...
SS33 BILIN-SS33 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SS33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Orister Corporation
RS6515 ORISTER-RS6515 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com