Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3120-360E Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3120-360E
Szczegółowy opis  2.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3120-360E Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3120-360E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-360E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Switching Specifications (AC)
Over  recommended  operating  conditions  (TA  =  -40  to  100°C,  for  HCPL-3120,HCPL-J312  IF(ON)  =  7  to  16mA,  for 
HCNW3120 IF(ON) = 10 to 16mA, VF(OFF) = -3.6 to 0.8 V, VCC = 15 to 30 V,  VEE = Ground) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time 
tPLH
0.10 
0.30 
0.50 
µs 
Rg = 10 Ω, 
10, 11,  16 
to High Output Level 
Cg = 10 nF, 
12, 13,   
Propagation Delay Time 
tPHL
0.10 
0.30 
0.50 
µs 
f = 10 kHz, 
14, 23 
to Low Output Level 
Duty Cycle = 50%
Pulse Width Distortion 
PWD 
0.3 
µs 
17
Propagation Delay 
PDD 
-0.35 
0.35 
µs 
35, 36  12 
Difference Between Any 
(tPHL - tPLH) 
Two Parts
Rise Time 
tr
0.1 
µs 
23
Fall Time 
tf
0.1 
µs
UVLO Turn On Delay 
tUVLO ON
0.8 
µs 
VO > 5 V, IF = 10 mA 
22
UVLO Turn Off Delay 
tUVLO OFF
0.6 
VO < 5 V, IF = 10 mA
Output High Level Common 
|CMH| 
25 
35 
kV/µs 
TA = 25°C, 
24 
13, 14 
Mode Transient Immunity 
IF = 10 to 16 mA, 
VCM = 1500 V, 
VCC = 30 V
Output Low Level Common 
|CML| 
25 
35 
kV/µs 
TA = 25°C, 
13, 15 
Mode Transient Immunity 
VCM = 1500 V, 
VF = 0 V, VCC = 30 V
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.


Podobny numer części - HCPL-3120-360E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-3120-360E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com