Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7720-500E Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-7720-500E
Szczegółowy opis  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7720-500E Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7720-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Notes:
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee functionality.
2. The LED is ON when VI is low and OFF when VI is high.
3. tPHL propagation delay is measured from the 50% level on the falling edge of the VI signal to the 50% level of the falling edge of the VO signal.
tPLH propagation delay is measured from the 50% level on the rising edge of the VI signal to the 50% level of the rising edge of the VO signal.
4. PWD is defined as |tPHL - tPLH|. %PWD(percent pulse width distortion) is equal to the PWD divided by pulse width.
5. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within
the recommended operating conditions.
6. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common
mode voltage slew rate that can be sustained while maintaining VO < 0.8V. The common mode voltage slew rates apply to both rising and
falling common mode voltage edges.
7. Unloaded dynamic power dissipation is calculated as follows: CPD * VDD2 * f + IDD * VDD, where f is switching frequency in MHz.
8. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
9. In accordance with UL1577, each HCPL-072X is proof tested by applying an insulation test voltage ≥4500 VRMS for 1 second (leakage detection
current limit, II-O ≤5 µA). Each HCPL-772X is proof tested by applying an insulation test voltage ≥4500 Vrms for 1 second (leakage detection
current limit. II-O ≤ 5 µA.)
10. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Avago Application Note 1074 “Optocou-
pler Input-Output Endurance Voltage.”
11. CI is the capacitance measured at pin 2 (VI).
Figure 1. Typical output voltage vs. input volt-
age
Figure 2. Typical input voltage switching thresh-
old vs. input supply voltage
Figure 3. Typical propagation delays vs. tem-
perature
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
072X
VISO
3750
Vrms
RH ≤50%,
8, 9,
Withstand Voltage
772X
3750
t = 1 min.,
10
Option 020
5000
TA = 25°C
Resistance
RI-O
1012
Ω
VI-O = 500 Vdc
8
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
(Input-Output)
Input Capacitance
CI
3.0
11
Input IC Junction-to-Case
-772X
θjci
145
°C/W
Thermocouple
Thermal Resistance
-072X
160
located at center
Output IC Junction-to-Case
-772X
θjco
140
underside of package
Thermal Resistance
-072X
135
Package Power Dissipation
PPD
150
mW
0
0
VI (V)
5
4
1
4
1
2
3
5
3
2
0 °C
25 °C
85 °C
4.5
1.6
VDD1 (V)
5.5
2.1
1.7
5.25
4.75
5
2.2
2.0
1.8
1.9
0 °C
25 °C
85 °C
0
15
TA (C)
80
27
17
60
20 30
29
25
19
21
10
40 50
70
23
TPLH
TPHL


Podobny numer części - HCPL-7720-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
More results

Podobny opis - HCPL-7720-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com