Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-250L-020E Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-250L-020E
Szczegółowy opis  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-250L-020E Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-250L-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-020E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 1. Input current vs. forward voltage.
Figure 2. Current transfer ratio vs. temperature.
Figure 4. Logic high output current vs. tempera-
ture.
6N135 fig 3a
VF – FORWARD VOLTAGE – VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
8 PIN DIP, SO-8
6N135 Figure 3
TA – TEMPERATURE – °C
I = 0
V = V
= 3.3 V
CC
O
F
-50 -25
0
+25 +50 +75 +100
10+4
10-2
10-1
100
10+1
10+2
10+3
-75
8 PIN DIP, SO-8
HCPL 250L Figure 2
1.1
1.0
0.9
0.8
0.7
0.6
-60
-20 0
80
TA – TEMPERATURE – °C
F
CC
A
8 PIN DIP, SO-8
-40
20 40 60
100
O
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 3.3 V
T = 25°C
Figure 6. Thermal derating curve, dependence of
safety limiting value with case temperature per
IEC/EN/DIN EN 60747-5-2.
Figure 3. Current transfer ratio vs. temperature
Figure 5. Logic high output current vs. temperature
6N135 fig 4a
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
175
8 PIN DIP, SO-8
8 PIN DIP, SO-8
8 PIN DIP, SO-8


Podobny numer części - HCPL-250L-020E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-250L-060 HP-HCPL-250L-060 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Podobny opis - HCPL-250L-020E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com