Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7721-560E Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-7721-560E
Szczegółowy opis  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7721-560E Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7721-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-560E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Figure 13. Propagation delay skew waveform.
Figure 14. Parallel data transmission example.
Propagation delay skew represents the uncertainty of
where an edge might be after being sent through an op-
tocoupler. Figure 14 shows that there will be uncertainty
in both the data and clock lines. It is important that these
two areas of uncertainty not overlap, otherwise the clock
signal might arrive before all of the data outputs have
settled, or some of the data outputs may start to change
before the clock signal has arrived. From these consider-
ations,theabsoluteminimumpulsewidththatcanbesent
throughoptocouplersinaparallelapplicationistwicetPSK.
Pulse-width distortion (PWD) is the difference between
tPHL and tPLH and often determines the maximum data
rate capability of a transmission system. PWD can be
expressed in percent by dividing the PWD (in ns) by the
minimum pulse width (in ns) being transmitted. Typical-
ly, PWD on the order of 20 - 30% of the minimum pulse
width is tolerable.
Propagation delay skew, tPSK, is an important parameter
to consider in parallel data applications where synchro-
nization of signals on parallel data lines is a concern. If
the parallel data is being sent through a group of opto-
couplers, differences in propagation delays will cause the
data to arrive at the outputs of the optocouplers at differ-
ent times. If this difference in propagation delay is large
enough it will determine the maximum rate at which
parallel data can be sent through the optocouplers.
Propagation delay skew is defined as the difference be-
tween the minimum and maximum propagation delays,
either tPLH or tPHL, for any given group of optocouplers
which are operating under the same conditions (i.e., the
same drive current, supply voltage, output load, and op-
erating temperature). As illustrated in Figure 13, if the in-
puts of a group of optocouplers are switched either ON
or OFF at the same time, tPSK is the difference between
the shortest propagation delay, either tPLH or tPHL, and
the longest propagation delay, either tPLH or tPHL.
As mentioned earlier, tPSK can determine the maximum
parallel data transmission rate. Figure 14 is the timing
diagram of a typical parallel data application with both
the clock and data lines being sent through the opto-
couplers. The figure shows data and clock signals at the
inputs and outputs of the optocouplers. In this case the
data is assumed to be clocked off of the rising edge of
the clock.
A cautious design should use a slightly longer pulse
width to ensure that any additional uncertainty in the
rest of the circuit does not cause a problem.
The HCPL-772X/072X optocouplers offer the advantage
of guaranteed specifications for propagation delays,
pulse-width distortion, and propagation delay skew
over the recommended temperature and power supply
ranges.
50%
50%
tPSK
VI
VO
VI
VO
2.5 V,
CMOS
2.5 V,
CMOS
DATA
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK
tPSK


Podobny numer części - HCPL-7721-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Podobny opis - HCPL-7721-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com