Zakładka z wyszukiwarką danych komponentów |
|
HCPL-177K Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-177K Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED |
7 / 12 page 7 Electrical Characteristics, TA = -55°C to +125°C, unless otherwise specified Parameter Symbol Test Conditions Group A[13] Subgroup Limits Units Fig. Note Min. Typ.** Max. Current Transfer Ratio CTR* IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V 1, 2, 3 300 1500 % 3 4, 5 IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V 300 1000 IF =5 mA, VO = 0.4 V, VCC = 4.5 V 200 500 Logic Low Output Voltage VOL IF = 0.5 mA, IOL = 1.5 mA, VCC = 4.5 V 1, 2, 3 0.11 0.4 V 2 4 IF = 1.6 mA, IOL = 4.8 mA, VCC = 4.5 V 0.13 0.4 4, 16 IF =5 mA, IOL = 10 mA, VCC = 4.5 V 0.16 0.4 4 Logic High Output Current IOH* IF =2 A, VO = 18 V, VCC = 18 V 1, 2, 3 0.001 250 A 4 IOHX 250 A 4, 6 Logic Low Supply Current ICCL* IF =1.6 mA, VCC = 18 V IF1 =IF2 = 1.6 mA, VCC = 18 V 1, 2, 3 1.0 1.0 2 4 mA 4 15 IF1 = IF2 =IF3 =IF4 =1.6 mA, VCC = 18 V 1.7 4 Logic High Supply Current ICCH* IF =0 mA, VCC = 18 V IF1 =IF2 = 0 mA, VCC = 18 V 1, 2, 3 0.001 20 40 A 15 IF1 = IF2 =IF3 =IF4 =0 mA, VCC = 18 V 40 Input Forward Voltage VF* IF = 1.6 mA 1 1.0 1.4 1.7 V 14 2 1.7 3 1.8 1, 2, 3 1.0 1.4 1.8 1, 2 1.4 1.7 3 1.8 Input Reverse Breakdown Voltage BVR* IR = 10 A 1, 2, 3 5 V 4 Input-Output Insulation Leakage Current II-O* ≤65% Relative Humidity TA =25°C, t = 5 s, VI-O = 1500 VDC 1 1.0 A 7, 12 Capacitance Between Input-Output CI-O f= 1 MHz, TA =25°C 4 4 pF 4, 8 14, 17 * For JEDEC registered parts. ** All typical values are at VCC = 5 V, TA = 25°C. Single Channel and LCCC Dual Channel Quad Channel Single Channel and LCCC Dual Channel Quad Channel Single and Dual Channel LCCC Quad Channel |
Podobny numer części - HCPL-177K |
|
Podobny opis - HCPL-177K |