Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA2901D Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części KA2901D
Szczegółowy opis  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2901D Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  KA2901D Datasheet HTML 1Page - Fairchild Semiconductor KA2901D Datasheet HTML 2Page - Fairchild Semiconductor KA2901D Datasheet HTML 3Page - Fairchild Semiconductor KA2901D Datasheet HTML 4Page - Fairchild Semiconductor KA2901D Datasheet HTML 5Page - Fairchild Semiconductor KA2901D Datasheet HTML 6Page - Fairchild Semiconductor KA2901D Datasheet HTML 7Page - Fairchild Semiconductor KA2901D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KA239/KA239A,KA339/KA339A KA3302,KA2901
4
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note:
1. KA339 / KA339A: 0
≤ TA ≤ +70°C
KA239 / KA239A: -25
≤ TA ≤ +85°C
KA2901 / KA3302: -40
≤ TA ≤ +85°C
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA2901
KA3302
Unit
Min. Typ.
Max.
Min. Typ.
Max.
Input Offset Voltage
VIO
VO(P) = 1.4V, RS = 0
-2
7
-
2
20
mV
Note1
-
9
15
-
-
40
Input Offset Current
IIO
-
2.3
50
-
3
100
nA
Note1
-
50
200
-
-
300
Input Bias Current
IBIAS
-
57
250
-
57
250
nA
Note1
-
200
500
-
-
1000
Input Common
Mode
Voltage Range
VI(R)
KA2901, VCC =30V
KA3302, VCC =28V
0-
VCC
-1.5
0-
VCC
-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
RL =
∞, VCC=5V
-
1.1
2.0
-
1.1
2.0
mA
RL =
∞, VCC =30V
(KA3302, VCC =28V)
-
1.6
2.5
-
1.6
2.5
Voltage Gain
GV
VCC =15V, RL
≥15kΩ
(for large swing)
25
100
-
2
30
-
V/mV
Large Signal
Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL = 5V,
RL =5.1k
Ω (Note2)
-
300
-
-
300
-
ns
Response Time
TRES
VRL = 5V, RL =5.1k
Ω (Note2)
-
1.3
-
-
1.3
-
µs
Output Sink Current
ISINK
VI(-)
≥ 1V, VI(+) = 0V,
VO(P)
≤ 1.5V
618
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-)
≥ 1V, VI(+) =0V
-
140
400
-
140
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
IO(LKG)
VI(-) = 0V
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
µA
Differential Voltage
VI(DIFF)
-
Note1
-
-
36
-
-
28
V


Podobny numer części - KA2901D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA2901D FAIRCHILD-KA2901D Datasheet
124Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA2901D ONSEMI-KA2901D Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Fairchild Semiconductor
KA2901DTF FAIRCHILD-KA2901DTF Datasheet
124Kb / 8P
   Quad Comparator
More results

Podobny opis - KA2901D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com