Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA2807 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA2807
Szczegółowy opis  Earth Leakage Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2807 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA2807 Datasheet HTML 1Page - Fairchild Semiconductor KA2807 Datasheet HTML 2Page - Fairchild Semiconductor KA2807 Datasheet HTML 3Page - Fairchild Semiconductor KA2807 Datasheet HTML 4Page - Fairchild Semiconductor KA2807 Datasheet HTML 5Page - Fairchild Semiconductor KA2807 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Full Advantage of the UL943
• Built-In Voltage Regulator
• Sense Coil: 1000:1
• GND/Neutral Coil: 200:1
• Trip Time in Normal Fault and Ground Neutral Fault is
18ms Typ
• Wide Operating Temperature Range
• Excellent ESD Characteristic
• 1mA Output Current Pulse to Trigger SCR
Description
The KA2807 is a IC for ground fault circuit interrupters
which are intended to provide an electrical shock hazard pro-
tection from line to ground fault currents on grounded cir-
cuits of 120V supplies.
Internal Block Diagram
8
56
7
1
4
3
2
V.REG.
TIMING CONTROL
AMP
LATCH
VCC
AMP OUT
TIMING
RESISTOR
TIMING
CAPACITOR
TRIGGER OUT
GND
+INPUT
-INPUT
+
_
KA2807
Earth Leakage Detector
8-DIP
1
8-SOP
1


Podobny numer części - KA2807

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
KA2807 ONSEMI-KA2807 Datasheet
168Kb / 8P
   Ear th Leakage Detector
Rev. 1.0.0
More results

Podobny opis - KA2807

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
   Earth Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
   Earth Leakage Detector
January 2014 Rev. 1.0.8
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
   Earth Leakage Detector
August, 2020 ??Rev. 7
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
   Earth Leakage Detector
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
   Earth Leakage Detector
logo
First Silicon Co., Ltd
FA2803P FS-FA2803P Datasheet
611Kb / 7P
   Earth Leakage Detector
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com