Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3403D Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA3403D
Szczegółowy opis  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3403D Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA3403D Datasheet HTML 1Page - Fairchild Semiconductor KA3403D Datasheet HTML 2Page - Fairchild Semiconductor KA3403D Datasheet HTML 3Page - Fairchild Semiconductor KA3403D Datasheet HTML 4Page - Fairchild Semiconductor KA3403D Datasheet HTML 5Page - Fairchild Semiconductor KA3403D Datasheet HTML 6Page - Fairchild Semiconductor KA3403D Datasheet HTML 7Page - Fairchild Semiconductor KA3403D Datasheet HTML 8Page - Fairchild Semiconductor KA3403D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KA3303/KA3403
2
Schematic Diagram
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
±18 or +36
V
Differential Input Voltage
VI(DIFF)
36
V
Input Voltage
VI
±18
V
Output Short Circuit Duration
-
Continuous
-
Power Dissipation
PD
670
mW
Operating Temperature
KA3303
KA3403
TOPR
-40 ~ + 85
0 ~ + 70
°C
°C
Storage Temperature
TSTG
-65 ~ + 150
°C


Podobny numer części - KA3403D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA34063 FAIRCHILD-KA34063 Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063 ONSEMI-KA34063 Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063A FAIRCHILD-KA34063A Datasheet
42Kb / 6P
   SMPS Controller
KA34063A FAIRCHILD-KA34063A Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063A ONSEMI-KA34063A Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Podobny opis - KA3403D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com