Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS116-AU_F0_10001 Arkusz danych(PDF) 4 Page - Pan Jit International Inc.

Numer części BAS116-AU_F0_10001
Szczegółowy opis  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116-AU_F0_10001 Arkusz danych(HTML) 4 Page - Pan Jit International Inc.

  BAS116-AU_F0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS116-AU_F0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS116-AU_F0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS116-AU_F0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS116-AU_F0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
STAD-DEC.07.2007
Part No_packing code_Version
BAS116-AU_R1_000A1
For example :
RB500V-40_R2_00001
BAS116-AU_R2_000A1
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
BAS116-AU/BAW156-AU/BAV170-AU/BAV199-AU


Podobny numer części - BAS116-AU_F0_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAS116-13-F DIODES-BAS116-13-F Datasheet
94Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-7-F DIODES-BAS116-7-F Datasheet
344Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
BAS116-7-F DIODES-BAS116-7-F Datasheet
116Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 May 2008
More results

Podobny opis - BAS116-AU_F0_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW Datasheet
146Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com