Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3502 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części KA3502
Szczegółowy opis  PC SMPS Supervisory IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3502 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  KA3502 Datasheet HTML 1Page - Fairchild Semiconductor KA3502 Datasheet HTML 2Page - Fairchild Semiconductor KA3502 Datasheet HTML 3Page - Fairchild Semiconductor KA3502 Datasheet HTML 4Page - Fairchild Semiconductor KA3502 Datasheet HTML 5Page - Fairchild Semiconductor KA3502 Datasheet HTML 6Page - Fairchild Semiconductor KA3502 Datasheet HTML 7Page - Fairchild Semiconductor KA3502 Datasheet HTML 8Page - Fairchild Semiconductor KA3502 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA3502
3
Pin Description
Pin Number
Pin Name
Pin Function Descrition
1
V33
+3.3 V Output Voltage of SMPS Secondary side
2
V5
+5 V Output Voltage of SMPS Secondary side
3
V12
+12 V Output Voltage of SMPS Secondary side
4ADJ
Adjustable OVP Input. Its Threshold Voltage is 1.26 V. This pin can be used for
another
protection signal.
5
VCC
Supply Voltage. Operating range is 15 V ~ 24 V. Vcc=18 V, Ta=25
°C at test.
6PWM
Remote On/Off Output. This signal controls the primary power switch (PWM IC)
through an Opto-coupler.
Maximum current rating is 30 mA. When PWM="Low", the main SMPS is operational
and If PWM="High", the main SMPS is turned-off.
7REM
Remote On/Off Input. It is TTL operation and its threshold voltage is 1.4 V. Voltage at
this pin can reach normally 4.6 V, with absolutely maximum voltage, 5.25 V. If
REM="Low", PWM="Low". That means the main SMPS is operational. When REM
="High", then PWM="High" and the main SMPS is turned-off.
8Trem
Remote On/Off delay. Ton/Toff=8 ms/24 ms (Typ.) with Ctrem=0.1uF. Its High/Low
threshold voltage is 2 V/0.7 V and the maximum voltage after full charging is about
2.8 V. So,
∆V (Chg.) = 2 V, ∆V (Dischg.) = 2.1 V Typ.
9PG
Power Good output signal. PG="High" means that the power is "Good" for operation
and PG="Low" means "Power Fail".
10
Topr
PG Delay. Td=250 ms (Typ.) with Ctopr=2.2uF. The High/Low threshold voltage are
2 V/1.3 V and the voltage of PIN 10 is clamped at 5.2 V for Noise margin.
11
UV
Under-Voltage Detect Pin. Its threshold voltage is 1.26V
± 20mV Typ.
12
FB2
Feedback for Precision Reference2. Absolute min/max current rating is 1 mA/30 mA.
13
VREF2
Precision Reference 2 input Voltage. This circuit equals to KA431 and it is designed
for an Auxiliary voltage,
+5 Vs. It is trimmed to
± 1.6%.
14
VREF1
Precision Reference 1 Input Voltage. This circuit equals to KA431 and it is for
corrective output voltages of +5 V/+12 V. It's trimmed to
± 1.6%.
15
FB1
Feedback for Precision Reference1. Absolute min/max current rating is 2 mA/30 mA
because of
internal connection.
16
GND
Ground
17
Tsur
Timing pin for Over Current Protection blank-out time. Its threshold voltage is 2 V and
clamped at 2.7 V after full charging. Target of delay time is 20 ms~30 ms and it is
realized through external R & C.
18
IS12
Current Sense Input for +12V. This pin is connected to the Current Sensing resistor
or inductor. If the voltage drop of the resistor or inductor is larger than the fixed offset
voltage ( 65 mV Typ.), PWM becomes "High" after some delay and the main SMPS
is turned-off.
19
IS5
Current Sense Input for +5 V. The OCP Offset voltage for +5 V is 50 mV
20
IS33
Current Sense Input for +3.3 V. The OCP Offset voltage for +3.3 V is 135 mV


Podobny numer części - KA3502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Podobny opis - KA3502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com