Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM7641CRQZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADUM7641CRQZ
Szczegółowy opis  1 kV RMS Six-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM7641CRQZ Arkusz danych(HTML) 2 Page - Analog Devices

  ADUM7641CRQZ Datasheet HTML 1Page - Analog Devices ADUM7641CRQZ Datasheet HTML 2Page - Analog Devices ADUM7641CRQZ Datasheet HTML 3Page - Analog Devices ADUM7641CRQZ Datasheet HTML 4Page - Analog Devices ADUM7641CRQZ Datasheet HTML 5Page - Analog Devices ADUM7641CRQZ Datasheet HTML 6Page - Analog Devices ADUM7641CRQZ Datasheet HTML 7Page - Analog Devices ADUM7641CRQZ Datasheet HTML 8Page - Analog Devices ADUM7641CRQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM7640/ADuM7641/ADuM7642/ADuM7643
Data Sheet
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3.3 V Operation ............................ 5
Electrical Characteristics—Mixed 5 V/3.3 V Operation ........ 7
Electrical Characteristics—Mixed 3.3 V/5 V Operation ........ 8
Package Characteristics ............................................................... 9
Regulatory Information............................................................... 9
Insulation and Safety Related Specifications ............................ 9
Recommended Operating Conditions ...................................... 9
Absolute Maximum Ratings ......................................................... 10
ESD Caution................................................................................ 10
Pin Configurations and Function Descriptions......................... 11
Typical Performance Characteristics ........................................... 15
Applications Information .............................................................. 17
Printed Circuit Board Layout ................................................... 17
Propagation Delay-Related Parameters................................... 17
DC Correctness ............................................................................ 17
Magnetic Field Immunity............................................................. 18
Power Consumption .................................................................. 19
Insulation Lifetime..................................................................... 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
9/12—Revision 0: Initial Version


Podobny numer części - ADUM7641CRQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM7641CRQZ AD-ADuM7641CRQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADuM7641CRQZ-RL7 AD-ADuM7641CRQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
More results

Podobny opis - ADUM7641CRQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com