Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD18IC0WHFV Arkusz danych(PDF) 1 Page - Rohm

Numer części BD18IC0WHFV
Szczegółowy opis  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD18IC0WHFV Arkusz danych(HTML) 1 Page - Rohm

  BD18IC0WHFV Datasheet HTML 1Page - Rohm BD18IC0WHFV Datasheet HTML 2Page - Rohm BD18IC0WHFV Datasheet HTML 3Page - Rohm BD18IC0WHFV Datasheet HTML 4Page - Rohm BD18IC0WHFV Datasheet HTML 5Page - Rohm BD18IC0WHFV Datasheet HTML 6Page - Rohm BD18IC0WHFV Datasheet HTML 7Page - Rohm BD18IC0WHFV Datasheet HTML 8Page - Rohm BD18IC0WHFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed with protection against radioactive rays.
1/23
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
21.Dec.2012 Rev.002
1A Variable / Fixed Output
LDO Regulators
BDxxIC0WEFJ / BDxxIC0WHFV
●General Description
BDxxIC0W series devices are LDO regulators with an output current of 1.0A. The output accuracy is ±1% of the output
voltage. Both fixed and variable output voltage devices are available. The output voltage of the variable output voltage
device can be varied from 0.8 to 4.5V using external resistors. Various fixed output voltage devices that do not use external
resistors are also available. These LDO regulators are available in two package types: HTSOP-J8 (4.90mm x 6.00mm x
1.00mm) and HVSOF6 (1.60mm x 3.00mm x 0.75mm), and can be used in a wide variety of digital appliances. These
devices have built in over current protection to protect the device when output is shorted, 0µA shutdown mode and thermal
shutdown circuit to protect the device during over load conditions. These LDO regulators are usable with ceramic capacitors
that enable a smaller layout and longer life.
●Features
+/-1% output voltage accuracy
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
Zero µA Shutdown mode
●Key Specifications
■ Input Power Supply Voltage range:
2.4V to 5.5V
■ Output Voltage range(Variable type):
0.8V to 4.5V
■ Output Voltage(Fixed type):
1.0V/1.2V/1.25V/1.5V
1.8V/2.5V/2.6V/3.0V/3.3V
(1.25V/2.6V:HVSOF6 only)
■ Output Current:
1.0A (Max.)
■ Shutdown Current:
0 µA (Typ.)
■ Operating Temperature Range:
-25 to +85℃
●Typical Application Circuit
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HVSOF6
1.60mm x 3.00mm x 0.75mm
HTSOP-J8
HVSOF6
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage variable type
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage fixed type


Podobny numer części - BD18IC0WHFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD18IC0MEFJ-LB ROHM-BD18IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD18IC0MEFJ-LBH2 ROHM-BD18IC0MEFJ-LBH2 Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD18IC0MEFJ-ME2 ROHM-BD18IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD18IC0VEFJ-ME2 ROHM-BD18IC0VEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Podobny opis - BD18IC0WHFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com