Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5385 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADL5385
Szczegółowy opis  Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5385 Arkusz danych(HTML) 8 Page - Analog Devices

  ADL5385 Datasheet HTML 1Page - Analog Devices ADL5385 Datasheet HTML 2Page - Analog Devices ADL5385 Datasheet HTML 3Page - Analog Devices ADL5385 Datasheet HTML 4Page - Analog Devices ADL5385 Datasheet HTML 5Page - Analog Devices ADL5385 Datasheet HTML 6Page - Analog Devices ADL5385 Datasheet HTML 7Page - Analog Devices ADL5385 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AN-1039
Application Note
Rev. 0 | Page 8 of 8
COMPLEX MODULATION
CONCLUSIONS
While a detailed discussion is beyond the scope of this article,
it is worth mentioning that all of the issues associated with
modulator imperfections can be avoided with a slightly differ-
ent transmit architecture. Many modern DACs incorporate
complex modulators, that is, digital engines that convert
baseband I and Q data up to a low intermediate frequency (IF).
These signals, which are still in Cartesian I and Q format, drive
the IQ modulator. Because modern IQ modulators, such as
the ADL5375, have baseband input bandwidths of as high as
750 MHz, low IFs in the 100 MHz to 250 MHz range can be
easily accommodated. When an IQ modulator is driven by
such a signal, the output spectrum is essentially a single
sideband spectrum similar to what is shown in Figure 3.
While modern IQ modulators offer excellent out-of-the-box
quadrature accuracy, IQ gain imbalance, and LO leakage, their
performance can be improved further using calibration. If the
transmitter incorporates a loop-back receiver as part of a digital
predistortion scheme, the receiver can also be used to conti-
nuously monitor and correct the imperfections of the IQ
modulator. The post-calibration performance is only limited
by the available compensation step sizes and the ability of the
receiver to precisely measure the constellation degradation.
In transmitters that do not contain a loop-back receiver, factory
calibration is a reasonable alternative. A single calibration in the
middle of a operating band most likely causes degradation at
the band edges. As a result, calibration at multiple frequencies
within a band is more effective. When temperature drift is
factored in, factory calibration at the ambient temperature
typically improves LO leakage and sideband suppression by
around 10 dB to 15 dB.
The lower sideband becomes the modulated carrier and is
displaced from the LO by a frequency offset equal to the
intermediate frequency. The imperfections of the IQ modulator
now manifest themselves as out-of-band effects, which can be
filtered away, resulting in in-band EVM, which is not affected
by the IQ modulator’s imperfections.
However, this approach comes at some cost. Care must be taken
to filter out the LO leakage along with the undesired upper
sideband. In contrast, a Nyquist filtered zero IF spectrum is
completely free of spurious components apart from harmonics
of the LO. In addition, as the frequency of the low IF increases,
the distortion of the DAC and IQ modulator increases slightly.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
AN08383-0-10/09(0)


Podobny numer części - ADL5385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Podobny opis - ADL5385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulators
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com