Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3S0680RFB-YDTU Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części KA3S0680RFB-YDTU
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3S0680RFB-YDTU Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  KA3S0680RFB-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA3S0680RFB-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA3S0680RB/KA3S0680RFB
4
Electrical Charcteristics (SFET part) (Continued)
(Ta = 25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
3.The amplitude of the sync. pulse is recommended to be between 2V and 3V for stable sync. function.
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start threshold voltage
VSTART
-14
15
16
V
Stop operating voltage
VSTOP
After turn on
9
10
11
V
OSCILLATOR SECTION
Initial accuracy
FOSC
Ta = 25
°C18
20
22
kHz
Frequency change with temperature (2)
∆F/∆T
−25°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum duty cycle
DMAX
-92
95
98
%
FEEDBACK SECTION
Feedback source current
IFB
Ta = 25
°C, Vfb = GND
0.7
0.9
1.1
mA
Shutdown Feedback voltage
VSD
-
6.9
7.5
8.1
V
Shutdown delay current
Idelay
Ta = 25
°C, 5V ≤ Vfb ≤VSD
1.4
1.8
2.2
µA
SYNC. & SOFT START SECTION
Soft start voltage
VSS
VFB = 2V
4.7
5.0
5.3
V
Soft start current
ISS
Sync & S/S = GND
0.8
1.0
1.2
mA
Sync threshold voltage(3)
VSYTH
Vfb = 5V
6.0
6.4
6.8
V
REFERENCE SECTION
Output voltage (1)
Vref
Ta = 25
°C
4.80
5.00
5.20
V
Temperature Stability (1)(2)
Vref/
∆T
−25°C ≤ Ta ≤ +85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT (SELF-PROTECTION) SECTION
Peak Current Limit
IOVER
Max. inductor current
3.52
4.00
4.48
A
PROTECTION SECTION
Thermal shutdown temperature (Tj) (1)
TSD
-
140
160
-
°C
Over voltage protection voltage
VOVP
-23
25
28
V
TOTAL DEVICE SECTION
Start Up current
ISTART
VCC = 14V
0.1
0.3
0.55
mA
Operating supply current
(control part only)
IOP
Ta = 25
°C
6
12
18
mA
VCC zener voltage
VZ
ICC = 20mA
30
32.5
35
V


Podobny numer części - KA3S0680RFB-YDTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA3S0765R SAMSUNG-KA3S0765R Datasheet
322Kb / 8P
   SAMSUNG POWER SWITCH
logo
Fairchild Semiconductor
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0765R-TU FAIRCHILD-KA3S0765R-TU Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0765R-YDTU FAIRCHILD-KA3S0765R-YDTU Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
logo
Samsung semiconductor
KA3S0765RF SAMSUNG-KA3S0765RF Datasheet
529Kb / 11P
   SAMSUNG POWER SWITCH
More results

Podobny opis - KA3S0680RFB-YDTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com