Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5Q Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części KA5Q
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button KA5Q Datasheet HTML 3Page - Fairchild Semiconductor KA5Q Datasheet HTML 4Page - Fairchild Semiconductor KA5Q Datasheet HTML 5Page - Fairchild Semiconductor KA5Q Datasheet HTML 6Page - Fairchild Semiconductor KA5Q Datasheet HTML 7Page - Fairchild Semiconductor KA5Q Datasheet HTML 8Page - Fairchild Semiconductor KA5Q Datasheet HTML 9Page - Fairchild Semiconductor KA5Q Datasheet HTML 10Page - Fairchild Semiconductor KA5Q Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
KA5Q-SERIES
7
Electrical Characteristics (Control Part) (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters is the Current Flowing in the Control IC.
2. These parameters, although guaranteed, are not 100% tested in production
3. These parameters, although guaranteed, are tested in EDS(wafer test) process
4. These parameters are indicated Inductor Current.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TOTAL DEVICE SECTION
Start Up Current
ISTART
VFB=GND, VCC=14V
-
0.1
0.2
mA
Operating Supply Current(Note1)
IOP
VFB=GND, VCC=16V
-10
18
mA
IOP(MIN)
VFB=GND, VCC=12V
IOP(MAX)
VFB=GND, VCC=28V
PRIMARY SIDE REGULATION SECTION (ONLY KA5Q0765RT/KA5Q12656RT)
Primary Regulation Threshold Voltage
VPR
IFB=700uA, VFB=4V
32.0
32.5
33.0
V
Primary Regulation Transconductance
GPR
-
2.0
2.6
-
mA/V


Podobny numer części - KA5Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5Q0565RT FAIRCHILD-KA5Q0565RT Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740 FAIRCHILD-KA5Q0740 Datasheet
284Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT Datasheet
284Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RTTU FAIRCHILD-KA5Q0740RTTU Datasheet
284Kb / 12P
   Fairchild Power Switch(FPS)
More results

Podobny opis - KA5Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com