Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5Q0740 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA5Q0740
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0740 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA5Q0740 Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0740 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.4
Features
• Quasi Resonant Converter Controller
• Internal Burst Mode Controller for Stand-by Mode
• Pulse by Pulse Current Limiting
• Over Current Latch Protection
• Over Voltage Protection (Vsync: Min. 11V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto-Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consists of a
high voltage power SenseFET and a current mode PWM IC.
The integrated PWM controller includes the fixed oscillator,
the under voltage lock out, the leading edge blanking, the
optimized gate turn-on/turn-off driver, the thermal shut down
protection, the over voltage protection, and the temperature
compensated precision current sources for loop compensation
and fault protection circuitry. Compared to a discrete
MOSFET and a controller or a RCC switching converter
solutions, a Fairchild Power Switch(FPS) can reduce the total
number of components, design size, and weight, so it will
improve efficiency, productivity, and system reliability. It has
a basic platform well suited for cost-effective design in a
quasi-resonant converter as a C-TV power supply.
TO-220F-5L
1. Drain 2. GND 3. VCC
4. Feedback 5. Sync
Internal Block Diagram
-
+
Rsense
11V on
12V off
3
1
2
4
VREF
Internal
BIAS
S
Q
R
LEB
450ns
S
QB
R
Ro
n
Rof
f
Power
on
Reset
OVP
OLP
7.5V
-
+
12V
Sync
-
+
-
+
UVLO
15V/9V
5
Burst Mode
3.5V/1.25V
SYNC
SYNC
SYNC
SYNC
-
+
R
2.5R
-
+
-
+
Offset
Thermal
Thermal
Thermal
Thermal
Shut Down
Shut Down
Shut Down
Shut Down
S
Q
R
Power on Reset
(VCC=6.5V)
Delay
80ns
1V
-
+
OCL
1V
FEEDBACK
FEEDBACK
FEEDBACK
FEEDBACK
VCC
VCC
VCC
VCC
DRAIN
DRAIN
DRAIN
DRAIN
SOURCE
SOURCE
SOURCE
SOURCE
Normal Mode
4.6V/2.6V
OSC
-
+
-
+
Idelay
Ifb
VREF
32V 1%
+
-
Ron
Roff
KA5Q0740RT
Fairchild Power Switch(FPS)


Podobny numer części - KA5Q0740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5Q0740RT FAIRCHILD-KA5Q0740RT Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RTTU FAIRCHILD-KA5Q0740RTTU Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RTYDTU FAIRCHILD-KA5Q0740RTYDTU Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results

Podobny opis - KA5Q0740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com