Zakładka z wyszukiwarką danych komponentów |
|
KA5Q1565RFYDTU Arkusz danych(PDF) 5 Page - Fairchild Semiconductor |
|
KA5Q1565RFYDTU Arkusz danych(HTML) 5 Page - Fairchild Semiconductor |
5 / 16 page KA5Q-SERIES 5 Absolute Maximum Ratings (SFET Part) (Ta=25 °C, unless otherwise specified) Note: 1. Pulse test: Pulse width ≤ 300µS, duty cycle ≤ 2% Characteristic Symbol Test condition Min. Typ. Max. Unit KA5Q1565RF Drain-Source Breakdown Voltage BVDSS VGS=0V, ID=50 µA 650 - - V Zero Gate Voltage Drain Current IDSS VDS=Max., Rating, VGS=0V - - 200 µA VDS=0.8Max., Rating, VGS=0V, TC=85 °C - - 300 µA Static Drain-Source on Resistance (Note) RDS(ON) VGS=10V, ID=7.3A - 0.5 0.65 W Input Capacitance Ciss VGS=0V, VDS=25V, f=1MHz - 2580 - pF Output Capacitance Coss - 270 - Reverse Transfer Capacitance Crss - 50 - Turn on Delay Time td(on) VDD=0.5BVDSS, ID=14.6A (MOSFET switching time are essentially independent of operating temperature) -50- nS Rise Time tr - 155 - Turn Off Delay Time td(off) - 270 - Fall Time tf - 125 - Total Gate Charge (Gate-Source+Gate-Drain) Qg VGS=10V, ID=14.6A, VDS=0.8BVDSS (MOSFET switching time are essentially independent of operating temperature) -90 117 nC Gate-Source Charge Qgs - 15 - Gate-Drain (Miller) Charge Qgd - 45 - |
Podobny numer części - KA5Q1565RFYDTU |
|
Podobny opis - KA5Q1565RFYDTU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |