Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA7500CD Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA7500CD
Szczegółowy opis  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500CD Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA7500CD Datasheet HTML 1Page - Fairchild Semiconductor KA7500CD Datasheet HTML 2Page - Fairchild Semiconductor KA7500CD Datasheet HTML 3Page - Fairchild Semiconductor KA7500CD Datasheet HTML 4Page - Fairchild Semiconductor KA7500CD Datasheet HTML 5Page - Fairchild Semiconductor KA7500CD Datasheet HTML 6Page - Fairchild Semiconductor KA7500CD Datasheet HTML 7Page - Fairchild Semiconductor KA7500CD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Internal Regulator Provides a Stable 5V Reference Supply
Trimmed to
±1% Accuracy.
• Uncommitted Output TR for 200mA Sink or Source
Current
• Output Control for Push-Pull or Single-Ended Operation
• Variable Duty Cycle by Dead Time Control (Pin 4)
Complete PWM Control Circuit
• On-Chip Oscillator With Master or Slave Operation
• Internal Circuit Prohibits Double Pulse at Either Output
Description
The KA7500C is used for the control circuit of the pulse
width modulation switching regulator. The KA7500C
consists of 5V reference voltage circuit, two error amplifiers,
flip flop, an output control circuit, a PWM comparator, a
dead time comparator and an oscillator. This device can be
operated in the switching frequency of 1kHz to 300kHz. The
precision of voltage reference (Vref) is improved up to
±1%
with trimming. This provides a better output voltage
regulation. The operating temperature range is
-25
°C ~ +85°C.
16-DIP
16-SOP
1
1
Internal Block Diagram
OSCILLATOR
6
5
4
1
2
16
15
3
7
14
12
10
11
9
8
13
BAND GAP
REFERENCE
1
2
+
_
+
_
0.7MA
D
CK
Q
Q
C1
E1
C2
E2
VCC
VREF
GND
COMP INPUT
OUTPUT CONTROL
5V
RT
CT
DEAD
TIME
CONTROL
EA(+)
EA(-)
EA(+)
EA(-)
1.2V
PWM
COMP
KA7500C
SMPS Controller


Podobny numer części - KA7500CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7500CD FAIRCHILD-KA7500CD Datasheet
358Kb / 8P
   SMPS Controller
logo
ON Semiconductor
KA7500CD ONSEMI-KA7500CD Datasheet
436Kb / 9P
   SMPS Controller
April 2009 Rev. 1.0.2
logo
Fairchild Semiconductor
KA7500CDTF FAIRCHILD-KA7500CDTF Datasheet
358Kb / 8P
   SMPS Controller
logo
ON Semiconductor
KA7500CDTF ONSEMI-KA7500CDTF Datasheet
436Kb / 9P
   SMPS Controller
April 2009 Rev. 1.0.2
More results

Podobny opis - KA7500CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com