Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA7541D Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA7541D
Szczegółowy opis  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7541D Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA7541D Datasheet HTML 1Page - Fairchild Semiconductor KA7541D Datasheet HTML 2Page - Fairchild Semiconductor KA7541D Datasheet HTML 3Page - Fairchild Semiconductor KA7541D Datasheet HTML 4Page - Fairchild Semiconductor KA7541D Datasheet HTML 5Page - Fairchild Semiconductor KA7541D Datasheet HTML 6Page - Fairchild Semiconductor KA7541D Datasheet HTML 7Page - Fairchild Semiconductor KA7541D Datasheet HTML 8Page - Fairchild Semiconductor KA7541D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Internal soft start
• Flexible soft start frequency
• No lamp protection
• Trimmed 1.5% internal bandgap reference
• Under voltage lock out with 1.8V of hysteresis
• Totem pole output with high state clamp
• Low start up and operating current
Descriptions
The KA7541 provides simple and high performance
electronic ballast control functions. KA7541 is optimized for
electronic ballast requiring a minimum board area, reduced
component count and low power dissipation. Internal soft
start circuitry eliminates the need for an external soft start
PTC resistor. The initial soft start switching frequency and
soft start time can be adjusted depending on the types of
lamps. Protection circuitry has also been added to prevent
burning out of switches in no lamp condition. output gate
drive circuit clamps power MOSFET gate voltage
irrespective of supply voltage
KA7541
Simple Ballast Controller
8-DIP
8-SOP
1
1


Podobny numer części - KA7541D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
KA7540D SAMSUNG-KA7540D Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Fairchild Semiconductor
KA75420 FAIRCHILD-KA75420 Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
48Kb / 8P
   Voltage Detector
KA75420M FAIRCHILD-KA75420M Datasheet
55Kb / 8P
   Voltage Detector
More results

Podobny opis - KA7541D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com