Zakładka z wyszukiwarką danych komponentów |
|
KA5M02659RN Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
KA5M02659RN Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 14 page ©2003 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev.1.0.4 Features • Precision Fixed Operating Frequency (100/67/50kHz) • Low Start-up Current (Typ. 100uA) • Pulse by Pulse Current Limiting • Over Load Protection • Over Voltage Protection (Min. 25V) • Internal Thermal Shutdown Function • Under Voltage Lockout • Internal High Voltage Sense FET • Auto-Restart Mode Description The Fairchild Power Switch(FPS) product family is specially designed for an off-line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM IC. Included PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/ turn-off driver, thermal shut down protection, over voltage protection, and temperature compensated precision current sources for loop compensation and fault protection circuitry- compared to discrete MOSFET and controller or RCC switching converter solution. The Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase efficiency, productivity, and system reliability. It has a basic platform well suited for cost-effective design in either a flyback converter or a forward converter. TO-220F-4L 8-DIP TO220-5L 1 1 1 1. Drain 2. GND 3. Vcc 4. FB 5. S/S 1.6.7.8. Drain 2. GND 3. Vcc 4. FB 5. NC 1. GND 2. Drain 3. Vcc 4. FB uA Internal Block Diagram VCC 32V 5 µA 5V 2.5R 1R 1mA 0.1V + − OVER VOLTAGE S/D + − 7.5V 27V Thermal S/D S R Q Power on reset + − L.E.B S R Q OSC 5V Vref Internal bias Good logic SFET DRAIN GND FB Soft Start 9V * * KA5H0265RC KA5x02xx-SERIES KA5H0265RC, KA5M0265R, KA5L0265R, KA5H02659RN/KA5M02659RN, KA5H0280R, KA5M0280R Fairchild Power Switch(FPS) |
Podobny numer części - KA5M02659RN |
|
Podobny opis - KA5M02659RN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |