Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5S0765 Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części KA5S0765
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S0765 Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button KA5S0765 Datasheet HTML 5Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 6Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 7Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 8Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 9Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 10Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 11Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 12Page - Fairchild Semiconductor KA5S0765 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
KA5S-SERIES KA5S0765C/KA5S09654QT/KA5S0965/KA5S12656/KA5S1265
9
Typical Performance Characteristics
Figure 1.
Start Up Current vs. Temp.
Figure 2. Operating Supply Current vs. Temp.
Figure 3. Stop Threshold Voltage
Figure 4. Start Threshold Voltage
Figure 5. Inital Frequency VS. Temp
0.00
0.03
0.06
0.09
0.12
-25
0
25
50
75
100
125
150
Temp(
℃)
Istart(mA)
4.0
6.0
8.0
10.0
12.0
-25
0
25
50
75
100
125
150
Temp(
℃)
Iop(mA)
8.10
8.40
8.70
9.00
9.30
-25
0
25
50
75
100
125
150
Temp(
℃)
Vs top(V)
VJTOP
14.4
14.7
15.0
15.3
15.6
-25
0
25
50
75
100
125
150
Temp(
℃)
Vs tart(V)
17.0
17.7
18.4
19.1
19.8
-25
0
25
50
75
100
125
150
Temp(
℃)
Fosc(kHz)


Podobny numer części - KA5S0765

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5S0765C FAIRCHILD-KA5S0765C Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CTU FAIRCHILD-KA5S0765CTU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CYDTU FAIRCHILD-KA5S0765CYDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

Podobny opis - KA5S0765

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com