Zakładka z wyszukiwarką danych komponentów |
|
74HCT193DB Arkusz danych(PDF) 11 Page - NXP Semiconductors |
|
74HCT193DB Arkusz danych(HTML) 11 Page - NXP Semiconductors |
11 / 30 page 74HC_HCT193 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 24 June 2013 11 of 30 NXP Semiconductors 74HC193; 74HCT193 Presettable synchronous 4-bit binary up/down counter VOL LOW-level output voltage VI =VIH or VIL; VCC =4.5 V IO =20 A- 0 0.1 V IO = 4.0 mA - 0.15 0.26 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 0.1 A ICC supply current VI = VCC or GND; IO = 0 A; VCC =5.5 V -- 8.0 A I CC additional supply current per input pin; VI =VCC 2.1 V and other inputs at VCC or GND; IO =0A; VCC = 4.5 V to 5.5 V pin Dn - 35 126 A pins CPU, CPD - 140 504 A pin PL - 65 234 A pin MR - 105 378 A Ci input capacitance - 3.5 - pF Tamb = 40 C to +85 C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 - - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - - 0.8 V VOH HIGH-level output voltage VI =VIH or VIL; VCC =4.5 V IO = 20 A4.4 - - V IO = 4.0 mA 3.84 - - V VOL LOW-level output voltage VI =VIH or VIL; VCC =4.5 V IO =20 A- - 0.1 V IO = 4.0 mA - - 0.33 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 1.0 A ICC supply current VI = VCC or GND; IO = 0 A; VCC =5.5 V -- 80 A I CC additional supply current per input pin; VI =VCC 2.1 V and other inputs at VCC or GND; IO =0A; VCC = 4.5 V to 5.5 V pin Dn - - 157.5 A pins CPU, CPD - - 630 A pin PL - - 292.5 A pin MR - - 472.5 A Tamb = 40 C to +125 C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 - - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - - 0.8 V VOH HIGH-level output voltage VI =VIH or VIL; VCC =4.5 V IO = 20 A4.4 - - V IO = 4.0 mA 3.7 - - V VOL LOW-level output voltage VI =VIH or VIL; VCC =4.5 V IO =20 A- - 0.1 V IO = 4.0 mA - - 0.4 V Table 7. Static characteristics type 74HCT193 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Podobny numer części - 74HCT193DB |
|
Podobny opis - 74HCT193DB |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |