Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA78R15 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA78R15
Szczegółowy opis  Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R15 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA78R15 Datasheet HTML 1Page - Fairchild Semiconductor KA78R15 Datasheet HTML 2Page - Fairchild Semiconductor KA78R15 Datasheet HTML 3Page - Fairchild Semiconductor KA78R15 Datasheet HTML 4Page - Fairchild Semiconductor KA78R15 Datasheet HTML 5Page - Fairchild Semiconductor KA78R15 Datasheet HTML 6Page - Fairchild Semiconductor KA78R15 Datasheet HTML 7Page - Fairchild Semiconductor KA78R15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• 1A / 15V Output low dropout voltage regulator
• TO220 Full-Mold package (4Pin)
• Overcurrent protection, Thermal shutdown
• Overvoltage protection, Short-Circuit protection
• With output disable function
Description
The KA78R15 is a low-dropout voltage regulator suitable
for various electronic equipments. It provides constant volt-
age power source with TO-220 4 lead full mold package.
Dropout voltage of KA78R15 is below 0.5V in full rated
current(1A). This regulator has various function such as
peak current protection, thermal shut down, overvoltage pro-
tection and output disable function.
TO-220F-4L
1.Vin 2. Vo 3. GND 4. Vdis
1
Internal Block Diagram
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vdis
Vo
GND
HIGH / LOW
OUTPUT
ON / OFF
Q1
R1
R2
-
+
-
+
1.4V
SHORT-CIRCUIT
KA78R15
Low Dropout Voltage Regulator


Podobny numer części - KA78R15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA78R15 SAMSUNG-KA78R15 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R15C FAIRCHILD-KA78R15C Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R15CTU FAIRCHILD-KA78R15CTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R15CTU FAIRCHILD-KA78R15CTU Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Podobny opis - KA78R15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com