Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5M02659R Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA5M02659R
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M02659R Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA5M02659R Datasheet HTML 1Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 2Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 3Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 4Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 5Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 6Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 7Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 8Page - Fairchild Semiconductor KA5M02659R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.4
Features
• Precision Fixed Operating Frequency (100/67/50kHz)
• Low Start-up Current (Typ. 100uA)
• Pulse by Pulse Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 25V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto-Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of high
voltage power SenseFET and current mode PWM IC. Included
PWM controller features integrated fixed oscillator, under
voltage lock out, leading edge blanking, optimized gate turn-on/
turn-off driver, thermal shut down protection, over voltage
protection, and temperature compensated precision current
sources for loop compensation and fault protection circuitry-
compared to discrete MOSFET and controller or RCC
switching converter solution. The Fairchild Power Switch(FPS)
can reduce total component count, design size, weight and at the
same time increase efficiency, productivity, and system
reliability. It has a basic platform well suited for cost-effective
design in either a flyback converter or a forward converter.
TO-220F-4L
8-DIP
TO220-5L
1
1
1
1. Drain
2. GND
3. Vcc
4. FB
5. S/S
1.6.7.8. Drain
2. GND
3. Vcc
4. FB
5. NC
1. GND
2. Drain
3. Vcc
4. FB
uA
Internal Block Diagram
VCC
32V
5
µA
5V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
27V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
DRAIN
GND
FB
Soft Start
9V
*
* KA5H0265RC
KA5x02xx-SERIES
KA5H0265RC, KA5M0265R, KA5L0265R,
KA5H02659RN/KA5M02659RN, KA5H0280R,
KA5M0280R
Fairchild Power Switch(FPS)


Podobny numer części - KA5M02659R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
KA5M02659RN ONSEMI-KA5M02659RN Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
More results

Podobny opis - KA5M02659R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com