Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79-C4V3 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BZX79-C4V3
Szczegółowy opis  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX79-C4V3 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BZX79-C4V3 Datasheet HTML 1Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 2Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 3Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 4Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 5Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 6Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 7Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 8Page - NXP Semiconductors BZX79-C4V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2002 Feb 27
2
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX79 series
FEATURES
• Total power dissipation: max. 500 mW
• Two tolerance series: ±2%, and approx. ±5%
• Working voltage range: nom. 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power dissipation:
max. 40 W.
APPLICATIONS
• Low voltage stabilizers or voltage references.
DESCRIPTION
Low-power voltage regulator diodes in hermetically sealed
leaded glass SOD27 (DO-35) packages. The diodes are
available in the normalized E24
±2% (BZX79-B) and
approx.
±5% (BZX79-C) tolerance range. The series
consists of 37 types with nominal working voltages from
2.4 to 75 V.
Fig.1
Simplified outline (SOD27; DO-35) and
symbol.
The diodes are type branded.
handbook, halfpage
MAM239
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on a printed circuit-board without metallization pad; lead length max.
2.
Tie-point temperature
≤ 50 °C; max. lead length 8 mm.
ELECTRICAL CHARACTERISTICS
Total BZX79-B and BZX79-C series
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 μs; square wave;
Tj = 25 °C prior to surge
see Tables 1 and 2 A
Ptot
total power dissipation
Tamb = 50 °C; note 1
400
mW
Tamb = 50 °C; note 2
500
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 μs; square wave;
Tj = 25 °C prior to surge; see Fig.3
40
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−65
+200
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.4
0.9
V


Podobny numer części - BZX79-C4V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX79-C4V3 PHILIPS-BZX79-C4V3 Datasheet
61Kb / 12P
   Voltage regulator diodes
2002 Feb 27
logo
General Semiconductor
BZX79-C4V3 GE-BZX79-C4V3 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX79-C4V3 GOOD-ARK-BZX79-C4V3 Datasheet
320Kb / 7P
   Zener Diodes
logo
Silicon Standard Corp.
BZX79-C4V3 SSC-BZX79-C4V3 Datasheet
455Kb / 7P
   ZENER DIODES
logo
NXP Semiconductors
BZX79-C4V3 NXP-BZX79-C4V3 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
More results

Podobny opis - BZX79-C4V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com