Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL2110 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL2110
Szczegółowy opis  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2110 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL2110 Datasheet HTML 3Page - Intersil Corporation ISL2110 Datasheet HTML 4Page - Intersil Corporation ISL2110 Datasheet HTML 5Page - Intersil Corporation ISL2110 Datasheet HTML 6Page - Intersil Corporation ISL2110 Datasheet HTML 7Page - Intersil Corporation ISL2110 Datasheet HTML 8Page - Intersil Corporation ISL2110 Datasheet HTML 9Page - Intersil Corporation ISL2110 Datasheet HTML 10Page - Intersil Corporation ISL2110 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6295.6
March 8, 2012
FIGURE 7. IHB OPERATING CURRENT vs FREQUENCY
FIGURE 8. IHBS OPERATING CURRENT vs FREQUENCY
FIGURE 9. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 10. LOW LEVEL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 11. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 12. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
Typical Performance Curves (Continued)
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = -40°C
T = +125°C
T = +150°C
10k
100k
1.103k
0.1
FREQUENCY (Hz)
0.01
1.0
10.0
T = -40°C
T = +125°C
T = +150°C
10k
100k
1.103k
0.1
T = +25°C
-50
0
50
100
150
50
100
150
200
250
300
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V
-50
0
50
100
150
50
100
150
200
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V
-50
0
50
100
150
6.7
TEMPERATURE (°C)
VHBR
VDDR
6.5
6.3
6.1
5.9
5.7
5.5
5.3
-50
0
50
100
150
0.70
TEMPERATURE (°C)
VHBH
VDDH
0.65
0.60
0.55
0.50
0.45
0.40
ISL2110, ISL2111


Podobny numer części - ISL2110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2110ABZ RENESAS-ISL2110ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110AR4Z INTERSIL-ISL2110AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results

Podobny opis - ISL2110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com