Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM4121 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części KM4121
Szczegółowy opis  0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4121 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button KM4121 Datasheet HTML 2Page - Fairchild Semiconductor KM4121 Datasheet HTML 3Page - Fairchild Semiconductor KM4121 Datasheet HTML 4Page - Fairchild Semiconductor KM4121 Datasheet HTML 5Page - Fairchild Semiconductor KM4121 Datasheet HTML 6Page - Fairchild Semiconductor KM4121 Datasheet HTML 7Page - Fairchild Semiconductor KM4121 Datasheet HTML 8Page - Fairchild Semiconductor KM4121 Datasheet HTML 9Page - Fairchild Semiconductor KM4121 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
REV. 1B June 2001
General Description
The KM4111 is a single supply, general purpose, voltage-
feedback amplifier fabricated on a complementary
bipolar process. The KM4111 offers 35MHz unity gain
bandwidth, 27V/
µs slew rate, and only 208µA supply
current. It features a rail-to-rail output stage and is
unity gain stable.
The design utilizes a patent pending topology that
provides increased slew rate performance. The common
mode input range extends to 300mV below ground
and to 1.2V below Vs. Exceeding these values will not
cause phase reversal. However, if the input voltage
exceeds the rails by more than 0.5V, the input ESD
devices will begin to conduct. The output will stay at
the rail during this overdrive condition.
The design uses a Darlington output stage. The out-
put stage is short circuit protected and offers “soft”
saturation protection that improves recovery time.
The typical circuit schematic is shown in Figure 1.
Figure 1: Typical Configuration
Enable/Disable Function (KM4121)
The KM4121 offers an active-low disable pin that can
be used to lower its supply current. Leave the pin
floating to enable the part. Pull the disable pin to the
negative supply (which is ground in a single supply
application) to disable the output. During the disable
condition, the nominal supply current will drop to
below 40
µA and the output will be at high impedance
with about 2pF capacitance.
Power Dissipation
The maximum internal power dissipation allowed is
directly related to the maximum junction tempera-
ture. If the maximum junction temperature exceeds
150°C, some reliability degradation will occur. If the
maximum junction temperature exceeds 175°C for an
extended time, device failure may occur.
The KM4111 is short circuit protected. However, this
may not guarantee that the maximum junction
temperature (+150°C) is not exceeded under all
conditions. Follow the maximum power derating
curves shown in Figure 2 to ensure proper operation.
Figure 2: Power Derating Curves
Overdrive Recovery
For an amplifier, an overdrive condition occurs when
the output and/or input ranges are exceeded. The
recovery time varies based on whether the input or
output is overdriven and by how much the ranges are
exceeded. The KM4111 will typically recover in less
than 20ns from an overdrive condition. Figure 3 shows
the KM4111 in an overdriven condition.
Figure 3: Overdrive Recovery
Driving Capacitive Loads
A small series resistance (Rs) at the output of the
amplifier, illustrated in Figure 4, will improve stability
and settling performance.
+
-
KM4111
Rf
0.01
µF
6.8
µF
Out
In
+Vs
+
Rg
Maximum Power Dissipation
Ambient Temperature ( C)
-50
-30
-10
10
30
50
70
90
0
0.5
1.0
1.5
2.0
SOT23-6 lead
SOT23-5 lead
Time (1
µs/div)
Input
Output
DATA SHEET
KM4111/KM4121


Podobny numer części - KM4121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KM4120 FAIRCHILD-KM4120 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4120IT6 FAIRCHILD-KM4120IT6 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4120IT6TR3 FAIRCHILD-KM4120IT6TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Samsung semiconductor
KM41256A SAMSUNG-KM41256A Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
KM41256AJ-10 SAMSUNG-KM41256AJ-10 Datasheet
988Kb / 15P
   256K X 1 Bit Dynamic RAM with Page / Nibble Mode
More results

Podobny opis - KM4121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
logo
Exar Corporation
XR1009 EXAR-XR1009 Datasheet
637Kb / 16P
   0.2mA, 35MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
   0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com