Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM4270IC8TR3 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części KM4270IC8TR3
Szczegółowy opis  Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4270IC8TR3 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  KM4270IC8TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4270IC8TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KM4170, KM4270, KM4470
DATA SHEET
REV. 5 December 2002
5
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = 10
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = -10
Rf = 5kΩ
1
10
G = -5
Rf = 5kΩ
G = -1
Rf = 5kΩ
G = -2
Rf = 5kΩ
Vo = 0.2Vpp
Non-Inverting Frequency Response
Frequency (MHz)
0.01
0.1
G = 10
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Inverting Frequency Response
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Rf = 5kΩ
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 100pF
Rs = 100Ω
CL = 10pF
Rs = 0
CL = 50pF
Rs = 0Ω
CL = 20pF
Rs = 0
+
-
5kΩ
5kΩ
Rs
CL
RL
Vo = 0.05V
Frequency Response vs. RL
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 50Ω
RL = 10kΩ
RL = 200Ω
Large Signal Frequency Response
Frequency (MHz)
0.01
0.1
1
10
Vo = 4Vpp
Vs = 5V
Vo = 1Vpp
Vo = 2Vpp
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
-20
60
140
Phase
No load
0
-180
-90
0
-135
-45
|Gain|
No load
Phase
RL = 10kΩ
|Gain|
RL = 10kΩ
Vs = 5V
20
40
80
120
100
Typical Operating Characteristics
(Vs = +2.7V, G = 2, RL = 10kΩ to Vs/2, Rf = 5kΩ; unless otherwise noted)


Podobny numer części - KM4270IC8TR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KM4270IC8TR3 FAIRCHILD-KM4270IC8TR3 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
More results

Podobny opis - KM4270IC8TR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com