Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części TIP31A
Szczegółowy opis  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP31A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  TIP31A Datasheet HTML 1Page - Fairchild Semiconductor TIP31A Datasheet HTML 2Page - Fairchild Semiconductor TIP31A Datasheet HTML 3Page - Fairchild Semiconductor TIP31A Datasheet HTML 4Page - Fairchild Semiconductor TIP31A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP31/TIP31A/TIP31B/TIP31C Rev. A
1
July 2008
TIP31/TIP31A/TIP31B/TIP31C
NPN Epitaxial Silicon Transistor
Features
• Complementary to TIP32/TIP32A/TIP32B/TIP32C
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP31
: TIP31A
: TIP31B
: TIP31C
40
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage : TIP31
: TIP31A
: TIP31B
: TIP31C
40
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
3
A
ICP
Collector Current (Pulse)
5
A
IB
Base Current
1
A
PC
Collector Dissipation (TC=25°C)
40
W
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
1. Base 2. Collector 3. Emitter


Podobny numer części - TIP31A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP31A MOSPEC-TIP31A Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
TRANSYS Electronics Lim...
TIP31A TEL-TIP31A Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
logo
Central Semiconductor C...
TIP31A CENTRAL-TIP31A Datasheet
353Kb / 2P
   SILICON NPN POWER TRANSISTORS
logo
Motorola, Inc
TIP31A MOTOROLA-TIP31A Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Savantic, Inc.
TIP31A SAVANTIC-TIP31A Datasheet
116Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - TIP31A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com