Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1W-CN313 Arkusz danych(PDF) 7 Page - Omron Electronics LLC

Numer części CS1W-CN313
Szczegółowy opis  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN313 Arkusz danych(HTML) 7 Page - Omron Electronics LLC

  CS1W-CN313 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN313 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Industrial Networking and Communications Modules
Transparent message routing: program-free access to field devices and easy, fast data exchange over Ethernet.
Network type
Description
Rating
Current usage
Model
Ethernet,
100 Base Tx/
10 Base T
UDP, TCP/IP, FTP server, socket services,
DNS client, SMTP (email services), SNTP
(time adjust services), FINS routing
100 Mbps max. speed; 2.5 km
distance; 254 nodes; twisted pair
cable
0.38 A, 5 VDC
CJ1W-ETN21
Controller Link
Data links and message communications
between PLCs and computers; Omron
proprietary protocol
2 Mbps max. speed; 1.5 km distance;
62 nodes (using 2 repeater units);
shielded twisted pair cable
0.35 A, 5 VDC
CJ1W-CLK21-V1
PCI board with support software
Shielded twisted pair cable
--
3G8F7-CLK21-EV1
DeviceNet
Master unit provides remote I/O and
message communications; functions as
master and/or slave
500 kbps; 500 m distance; 63
nodes; DeviceNet cable; can control
up to 32,000 points max. per
master
0.33 A, 5 VDC
CJ1W-DRM21
Profibus-DP
Master unit provides data exchange,
diagnostics and message communi-
cations
12 Mbps; 1200 m distance; 125
nodes; shielded twisted pair cable;
allows 7,168 words of I/O data per
PLL; one RS-485 port
0.40 A, 5 VDC
CJ1W-PRM21
Slave unit
Max. 180 words of input and output;
one RS-485 port
0.40 A, 5 VDC
CJ1W-PRT21
CompoBus/S
distributed I/O
Master unit remote I/O data exchange
with 256 points
750 kbps; 500 m distance; 32
nodes; 2- or 4- conductor VCTF
cable
0.15 A, 5 VDC
CJ1W-SRM21
Serial
Exchanges data using Protocol Macro
for automatic handshaking with Omron
serial devices (CompoWay/F);
Host Link to computers; and 1:N NT
link for Omron HMIs; Modbus and
user-defined protocols
Two RS-232C ports
0.28 A, 5 VDC
CJ1W-SCU21-V1
Two RS-422/RS-485 ports
0.38 A, 5 VDC
CJ1W-SCU31-V1
One RS-232C port and
one RS-422/ RS-485 port
0.38 A, 5 VDC
CJ1W-SCU41-V1
RS-232C to RS-422A Conversion module
1 RS-232C port and 1 RS-422A
terminal block
0.15 A, 5 VDC
NT-AL001-E
RS-232C to RS422/RS-485 adapter
Used for serial PLC Link with CJ1M.
Converts an RS-232C port to an RS-
422/RS-485 port. Mounts directly to
the CPU.
--
CJ1W-CIF11
Internet
Host computer with
Ethernet running
production and supply
chain management
applications
Ethernet
DeviceNet
Serial, using
Protocol Macro
NS or NSJ HMI with built-in
Ethernet and optical live
video display capabilities
CJ1M Programmable Controller
with built-in Ethernet capability
All modules measure
90 H x 31 W x 89 D mm.
CJ1 or CS1
Programmable
Controller with
Ethernet unit


Podobny numer części - CS1W-CN313

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
CS1W-CN313 OMRON-CS1W-CN313 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN313 OMRON-CS1W-CN313 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN313 OMRON-CS1W-CN313 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Podobny opis - CS1W-CN313

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com