Zakładka z wyszukiwarką danych komponentów |
|
CS1W-C1F31 Arkusz danych(PDF) 3 Page - Omron Electronics LLC |
|
CS1W-C1F31 Arkusz danych(HTML) 3 Page - Omron Electronics LLC |
3 / 15 page CJ1 Ordering Guide B-120 Programmable Controller CJ1 Products for Programming J Programming Software and Cables Item Description/Specifications Standards Part number CX-Programmer Windows-based Programming Device OS: Windows 95, 98, ME, NT4.0, or 2000 Connected to the peripheral port or RS-232C port on the CPU or connected to the RS-232C port on a Serial Communications Module. — WS02-CXPC1-E-Vjj Programming Device Connecting Cables (for peripheral port) Conversion cable to connect RS-232C cable to peripheral port. Connects DOS computers, D-Sub 9-pin receptacle; length: 0.1 m CE CS1W-CN118 ( p p p ) Connects DOS computers, D-Sub 9-pin; length: 2.0 m Used for Peripheral Bus or Host Link. CS1W-CN226 Connects DOS computers, D-Sub 9-pin; length: 6.0 m CS1W-CN626 Programming Device Connecting Cables (f RS 232C t) Connects DOS computers, D-Sub 9-pin; length: 2.0 m — C200H-CN229-EU g (for RS-232C port) CBL-202* USB to serial 9-pin adapter Converts PC USB port to a PC serial 9-pin port for use with Omron programming cables. — CS1W-C1F31 CX-Simulator Windows-based Support Software for Windows 95/98/ME/NT or Windows 2000. Simulates only CJ1 Series and CS1 Series CPUs. — WS02-SIMC1-E CX-Protocol Windows-based Protocol Creation Software for Windows 95/98/ME/NT4.0/2000 WS02-PSTC1-E J Programming Consoles Item Description/Specifications Standards Part number Programming Consoles An English Keyboard Sheet (CS1W-KS001-E) is required. (Connects to peripheral port on CPU only.) U, C, CE CQM1H-PRO01-E 2-line bracket LCD display U, C, N, CE C200H-PRO27E Programming Console Key Sheet Connects CQM1H-PRO01-E, or C200H-PRO27-E Programming Console to the CPU CE CS1W-KS001-E Programming Console Connecting Cables Connects the C200H-PRO27-E Programming Console to the CPU Cable length: 2 m CS1W-CN224 Programming Console Connecting Cables Connects the C200H-PRO27-E Programming Console to the CPU Cable length: 6 m CS1W-CN624 * Available in Canada only. |
Podobny numer części - CS1W-C1F31 |
|
Podobny opis - CS1W-C1F31 |