Zakładka z wyszukiwarką danych komponentów |
|
ES120 Arkusz danych(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
ES120 Arkusz danych(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 11 page 4 www.honeywell.com/sensing Temperature Sensors Line guide HRTS Series Td Series Sensor type 100 Ohm, 1000 Ohm platinum RTD 2000 Ohm silicon resistive element Temperature coeffiecient 0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C N/A Temperature sensing range -70 °C to 260 °C [-94 °F to 500 °F] -40 °C to 150 °C [-40 °F to 302 °F] Packaging type ceramic case plastic or threaded aluminum case Termination leadwires SIP or leadwires Base resistance and interchangeability 100 Ohm ±1; 0.6 Ohm at 0 °C, 100 Ohm ±1; 1.2 Ohm at 0 °C, 1000 Ohm ±1; 0.6 Ohm at 0 °C, 1000 Ohm ±1; 1.2 Ohm at 0 °C R2000 Ohm ±5 Ohm at 20 °C Self-heating <0,3 mW/°C typ. N/A discrete and Packaged RTd Sensors HEL-777/776 Series 700 Series Sensor type 100 Ohm, 1000 Ohm platinum RTD 100 Ohm, 1000 Ohm platinum RTD Temperature coeffiecient 0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C 0.00385 Ohm/Ohm/°C, 0.00375 Ohm/Ohm/°C Temperature sensing range -55 °C to 150 °C [-67 °F to 302 °F] -70 °C to 500 °C [-94 °F to 932 °F] lead version: -50 °C to 130 °C [-58 °F to 266 °F] Packaging type molded plastic radial chip or surface mount axial flip chip Termination SIP leadwires or solderpads Base resistance and interchangeability 100 Ohm ±1; 0.6 Ohm at 0 °C, 100 Ohm ±1; 1.2 Ohm at 0 °C, 1000 Ohm ±1; 0.6 Ohm at 0 °C, 1000 Ohm ±1; 1.2 Ohm at 0 °C 100 Ohm ±1; 0.6 Ohm at 0 °C, 100 Ohm ±1; 1.2 Ohm at 0 °C, 1000 Ohm ±1; 0.6 Ohm at 0 °C, 1000 Ohm ±1; 1.2 Ohm at 0 °C Self-heating <15 mW/°C typ. 0,4k /mW, 0.6k /mW or 0.8k/mW at 0 °C [32 °F] discrete RTd Sensors |
Podobny numer części - ES120 |
|
Podobny opis - ES120 |