Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSB1097 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KSB1097
Szczegółowy opis  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1097 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KSB1097 Datasheet HTML 1Page - Fairchild Semiconductor KSB1097 Datasheet HTML 2Page - Fairchild Semiconductor KSB1097 Datasheet HTML 3Page - Fairchild Semiconductor KSB1097 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristics
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Saturation Voltage
Figure 4. Power Derating
Figure 5. Power Derating
Figure 6. Safe Operating Area
-0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
I
B = -20mA
I
B = -18mA
I
B = -16mA
I
B = -14mA
I
B = -12mA
I
B = -10mA
I
B = -8mA
I
B = -6mA
I
B = -4mA
I
B = -2mA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
-1E-3
-0.01
-0.1
-1
-10
1
10
100
1000
VCE = -1V
IC [A], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0.01
-0.1
-1
-10
V
BE(sat)
V
CE(sat)
I
C
=10I
B
I
C [A], COLLECTOR CURRENT
0
25
50
75
100
125
150
175
200
0
5
10
15
20
25
30
35
40
Tc [
o
C], CASE TEMPERATURE
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
DISSIPATION LIMITED
s/b LIMITED
Tc [
O
C], CASE TEMPERATURE
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
-100
100mS
10mS
1mS
300uS
100uS
50uS
V
CE [V], COLLECTOR-EMITTER VOLTAGE


Podobny numer części - KSB1097

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSB1098 FAIRCHILD-KSB1098 Datasheet
46Kb / 4P
   Low Frequency Power Amplifier
More results

Podobny opis - KSB1097

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com