Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZP52 Arkusz danych(PDF) 8 Page - Arizona Microtek, Inc

Numer części AZP52
Szczegółowy opis  Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZM [Arizona Microtek, Inc]
Strona internetowa  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP52 Arkusz danych(HTML) 8 Page - Arizona Microtek, Inc

  AZP52_13 Datasheet HTML 1Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 2Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 3Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 4Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 5Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 6Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 7Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 8Page - Arizona Microtek, Inc AZP52_13 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Arizona Microtek, Inc.
AZP52
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Translator
www.azmicrotek.com
+1-480-962-5881
8
Request a Sample
Mar 2013, Rev 2.2
Table 5 - DC Characteristics
DC Characteristics (VDD = 3.0V to 3.6V unless otherwise specified, TA = -40 to 85
°C)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1
-40 C
VDD = 3.3V
2.05
2.415
V
25 C
2.05
2.48
85 C
2.05
2.54
VOL
Output LOW Voltage
1
-40 C
VDD = 3.3V
1.365
1.615
V
25 C
1.43
1.68
85 C
1.49
1.74
IZ
Output Leakage Current,
Tri-state
2
EN=Low
-10
10
μA
VIH
High Level Input Voltage
EN
2
V
VIL
Low Level Input Voltage
EN
0.8
V
IPD
Pull-down Current
EN
-2.2
μA
RBIAS
Bias Resistor
D Input to Internal VDD/2
Reference
10k
Ω
IDD
Power Supply Current
22
35
mA
IDDZ
Power Supply Current
D Input ≤ V
IL
8
mA
Outputs Tri-state
1
EN=Low
1 Specified with outputs terminated through 50
Ω resistors to V
DD - 2V or Thevenin equivalent.
2 Measured at Q /
Q pins.
Table 6 - AC Characteristics
AC Characteristics (VDD = 3.0V to 3.6V, TA = -40 to 85
°C)
AC Specifications guaranteed by design
Symbol
Characteristic
Min
Typ
Max
Unit
tr / tf
Output Rise/Fall
1,2
80
250
ps
(20% - 80%)
fMAX
Maximum Input Frequency - Sine wave
2
1300
MHz
VINMAX
Maximum Recommended Input Signal
VDD
Vpp
VINMIN
Minimum Recommended Input Signal
0.2
Vpp
tPLH
Propagation Delay
938
1614
ps
tPHL
Propagation Delay
938
1614
ps
jRMS
RMS Jitter: 12kHz - 20MHz, 155MHz Center Freq
36
fs
nP
Phase Noise
1,2 - 1MHz offset
-165
dBc/Hz
1 Specified with outputs terminated through 50
Ω resistors to V
CC - 2V or Thevenin equivalent.
2 1.5 v p-p sine wave input, AC coupled to D pin.


Podobny numer części - AZP52_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP52SG AZM-AZP52SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52SG AZM-AZP52SG Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Podobny opis - AZP52_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com