Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2FSA4WGWL Arkusz danych(PDF) 1 Page - Rohm

Numer części BU2FSA4WGWL
Szczegółowy opis  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2FSA4WGWL Arkusz danych(HTML) 1 Page - Rohm

  BU2FSA4WGWL Datasheet HTML 1Page - Rohm BU2FSA4WGWL Datasheet HTML 2Page - Rohm BU2FSA4WGWL Datasheet HTML 3Page - Rohm BU2FSA4WGWL Datasheet HTML 4Page - Rohm BU2FSA4WGWL Datasheet HTML 5Page - Rohm BU2FSA4WGWL Datasheet HTML 6Page - Rohm BU2FSA4WGWL Datasheet HTML 7Page - Rohm BU2FSA4WGWL Datasheet HTML 8Page - Rohm BU2FSA4WGWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
TSZ22111・14・001
www.rohm.com
Datasheet
CMOS LDO Regulators for Portable Equipments
1ch 200mA
CMOS LDO Regulators
BUxxSA4 series
●General Description
BUxxSA4
series
are
high-performance
CMOS
LDO
regulators with output current ability of up to 200-mA.
These devices have excellent noise and load response
characteristics
despite
of
its
low
circuit
current
consumption of 40µA. They are most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.
●Features
High Output Voltage Accuracy:
±0.6%
(±15mV on VOUT<2.5V)
High Ripple Rejection: 70 dB (Typ, 1 kHz,)
Compatible with small ceramic capacitor
(Cin=Cout=0.47 µF)
Low Current Consumption: 40 µA
Output Voltage ON/OFF control
Built-in Over Current Protection Circuit (OCP)
Built-in Thermal Shutdown Circuit (TSD)
Adopting ultra-small WLCSP UCSP50L1
●Applications
Portable devices
Camera modules
Other electronic devices using microcontrollers or
logic circuits
●Key Specifications
Input Power Supply Voltage Range:
1.7V to 5.5V
Output Current Range:
0 to 200mA
Operating Temperature Range:
-40℃ to +85℃
Output Voltage Lineup:
1.8V,2.5V,2.55V
2.8V,3.0V,3.3V
Output Voltage Accuracy:
±0.6%
Circuit Current:
40µA(Typ.)
Standby Current:
0
μA (Typ.)
●Package
W(Typ.) x D(Typ.) x H(Max.)
UCSP50L1(BUXXSA4WGWL)
0.8mm x 0.8mm x 0.5mm
●Typical Application Circuit
Figure 1. Typical Application Circuit
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
BUxxSA4


Podobny numer części - BU2FSA4WGWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2FUA3WNVX-TL ROHM-BU2FUA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU2FUC3WG-TL ROHM-BU2FUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU2FUC3WG-TR ROHM-BU2FUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Podobny opis - BU2FSA4WGWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com