Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU28SA4WGWL Arkusz danych(PDF) 3 Page - Rohm

Numer części BU28SA4WGWL
Szczegółowy opis  1ch 200mA CMOS LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU28SA4WGWL Arkusz danych(HTML) 3 Page - Rohm

  BU28SA4WGWL Datasheet HTML 1Page - Rohm BU28SA4WGWL Datasheet HTML 2Page - Rohm BU28SA4WGWL Datasheet HTML 3Page - Rohm BU28SA4WGWL Datasheet HTML 4Page - Rohm BU28SA4WGWL Datasheet HTML 5Page - Rohm BU28SA4WGWL Datasheet HTML 6Page - Rohm BU28SA4WGWL Datasheet HTML 7Page - Rohm BU28SA4WGWL Datasheet HTML 8Page - Rohm BU28SA4WGWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Datasheet
Datasheet
3/34
TSZ02201-0RBR0A300100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.04.04 Rev.001
www.rohm.com
TSZ22111・15・001
BUxxSA4 series
●Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VMAX
-0.3 to +6.5
V
Power Dissipation
Pd
410
(*1)
mW
Maximum Junction
Temperature
Tjmax
+125
Operating Temperature Range
Topr
-40 to +85
Storage Temperature Range
Tstg
-55 to +125
(*1)
Derate by 4.1mW/℃ when operating above Ta=25℃.(When mounted on a board 63mm×55mm×1.6mm glass-epoxy board, 9 layer)
●Recommended Operating Ratings
Parameter
Symbol
Limit
Unit
Input Power Supply Voltage
Range
VIN
1.7 to 5.5
V
●Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
Cin
0.47
(*2)
1.0
µF
A ceramic capacitor is recommended.
Output capacitor
Cout
0.47
(*2)
1.0
µF
A ceramic capacitor is recommended.
(*2)
Set the value of the capacitor so that it does not fall below the minimum value. Take into consideration the temperature characteristics,
DC device characteristics, and degradation with time.


Podobny numer części - BU28SA4WGWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU28SD2MG-MTR ROHM-BU28SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
More results

Podobny opis - BU28SA4WGWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com