Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZP92NAG Arkusz danych(PDF) 5 Page - Arizona Microtek, Inc

Numer części AZP92NAG
Szczegółowy opis  PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZM [Arizona Microtek, Inc]
Strona internetowa  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92NAG Arkusz danych(HTML) 5 Page - Arizona Microtek, Inc

  AZP92NAG Datasheet HTML 1Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 2Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 3Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 4Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 5Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 6Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 7Page - Arizona Microtek, Inc AZP92NAG Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Arizona Microtek, Inc.
AZP92
PECL/ECL ÷1, ÷2 Clock Generation
Chip with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
5
Request a Sample
Aug 2013, Rev 2.1
PERFORMANCE DATA
Table 4 - Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Condition
Rating
Unit
VCC
PECL Power Supply
VEE = 0V
0 to + 6.0
V
VI_PECL
PECL Input Voltage
VEE = 0V
0 to + 6.0
V
VEE
ECL Power Supply
VCC = 0V
-6.0 to 0
V
VI_ECL
ECL Input Supply
VCC = 0V
-6.0 to 0
V
IHGOUT
Output Current
Continuous
50
mA
Surge
100
TA
Operating Temperature Range
-
-40 to +85
1
°C
TSTG
Storage Temperature Range
-
-65 to +150
°C
ESDHBM
Human Body Model Electro Static Discharge
-
2500
V
ESDMM
Machine Model Electro Static Discharge
-
200
V
ESDCDM
Charged Device Model Electro Static Discharge
-
2000
V
1
For operation up to 105
°C, contact Arizona Microtek
Table 5 - 100K ECL DC Characteristics
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1
-1085
-880
-1025
-880
-1025
-880
-1025
-880
mV
VOL
Output LOW Voltage
1
-1900
-1555
-1900
-1620
-1900
-1620
-1900
-1620
mV
VIH
Input HIGH Voltage D,EN (ECL)
2
-1165
-390
-1165
-390
-1165
-390
-1165
-390
mV
Input HIGH Voltage EN (CMOS)
3
VEE+
2000
VCC
VEE+
2000
VCC
VEE+
2000
VCC
VEE+
2000
VCC
mV
VIL
Input LOW Voltage D,EN (ECL)
2
-2250
-1475
-2250
-1475
-2250
-1475
-2250
-1475
mV
Input LOW Voltage EN (CMOS)
3
VEE
VEE+
800
VEE
VEE+
800
VEE
VEE+
800
VEE
VEE+
800
mV
VBB
Reference Voltage
-1390
-1250
-1390
-1250
-1390
-1250
-1390
-1250
mV
IIH
Input HIGH Current EN
150
150
150
150
µA
IIL
Input LOW Current EN (ECL)
2
0.5
0.5
0.5
0.5
µA
Input LOW Current EN (CMOS)
3
-150
-150
-150
-150
IEE
Power Supply Current
4
31
31
31
34
mA
1
Specified with each output terminated through 50
resistors to V
CC - 2V.
2
EN-SEL connected to VEE through a 20k
Ω resistor
3
EN-SEL connected to VEE or left open (NC)
4
DIV-SEL left open (NC)


Podobny numer części - AZP92NAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

Podobny opis - AZP92NAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com