Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZP94_1205 Arkusz danych(PDF) 8 Page - Arizona Microtek, Inc

Numer części AZP94_1205
Szczegółowy opis  PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZM [Arizona Microtek, Inc]
Strona internetowa  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP94_1205 Arkusz danych(HTML) 8 Page - Arizona Microtek, Inc

  AZP94_1205 Datasheet HTML 1Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 2Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 3Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 4Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 5Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 6Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 7Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 8Page - Arizona Microtek, Inc AZP94_1205 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Arizona Microtek, Inc.
AZP94
PECL/ECL ÷1, ÷2 Clock Generation Chip
with Tristate Compatible Outputs
www.azmicrotek.com
+1-480-962-5881
8
Request a Sample
May 2012, Rev 2.0
Table 8 - AC Characteristics
AC Characteristics (VEE = -3.0V to -5.5V; VCC=GND or VEE=GND; VCC = +3.0V to +5.5V)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPLH/tPHL
Propagation Delay
D to Q/Q
¯
1
450
450
450
450
ps
EN to
QHG/QbHG
1,2
3000
3000
3000
3000
ps
tSKEW
Duty Cycle Skew
3
5
20
5
20
5
20
5
20
ps
Vpp (AC)
Input Swing
4
150
1000
150
1000
150
1000
150
1000
mV
tr/tf
Output Rise/Fall
1
(20% - 80%)
100
240
100
240
100
240
100
240
ps
1
Specified with each output terminated through 50
resistors to V
CC - 2V.
2
Specified from 50% EN input edge to VOH min to VOL max of the Q/Q
¯ outputs
3
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
4
VPP is the peak-to-peak differential input swing for which AC parameters are guaranteed.


Podobny numer części - AZP94_1205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP94NAG AZM-AZP94NAG Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94NAG AZM-AZP94NAG Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94XP AZM-AZP94XP Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
More results

Podobny opis - AZP94_1205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com