Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU45K254 Arkusz danych(PDF) 2 Page - Rohm

Numer części BU45K254
Szczegółowy opis  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU45K254 Arkusz danych(HTML) 2 Page - Rohm

  BU45K254 Datasheet HTML 1Page - Rohm BU45K254 Datasheet HTML 2Page - Rohm BU45K254 Datasheet HTML 3Page - Rohm BU45K254 Datasheet HTML 4Page - Rohm BU45K254 Datasheet HTML 5Page - Rohm BU45K254 Datasheet HTML 6Page - Rohm BU45K254 Datasheet HTML 7Page - Rohm BU45K254 Datasheet HTML 8Page - Rohm BU45K254 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
2/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
B
B
B
B
U
U
U
U
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
-
-
-
-
T
T
T
T
L
L
L
L
Part
Output
Type
Package
1
Reset
Voltage
Value
Counter
Timer
Package
2
Packaging
and
Number
45
:
Open
Drain
23
:
2.3V
Delay
Time
Settings
forming
specification
46
:
CMOS
0.1V
step
2
:
200ms
TL
:
Embossed
tape
48
:
4.8V
4
:
400ms
and
reel
Package
1 Package
2
Package
name
K
G
SSOP3
(1pin
GND)
L
G
SSOP3
(3pin
GND)
Ordering Information
Lineup
Table 1. Open Drain Output Type
Counter Timer Delay Time Settings
1-Pin GND
3-Pin GND
200ms
400ms
200ms
400ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
bH
BU45K482
eF
BU45K484
hD
BU45L482
nB
BU45L484
4.7V
bG
BU45K472
eE
BU45K474
hC
BU45L472
nA
BU45L474
4.6V
bF
BU45K462
eD
BU45K464
hB
BU45L462
mY
BU45L464
4.5V
bE
BU45K452
eC
BU45K454
hA
BU45L452
mX
BU45L454
4.4V
bD
BU45K442
eB
BU45K444
gY
BU45L442
mW
BU45L444
4.3V
bC
BU45K432
eA
BU45K434
gX
BU45L432
mT
BU45L434
4.2V
bB
BU45K422
dY
BU45K424
gW
BU45L422
mS
BU45L424
4.1V
bA
BU45K412
dX
BU45K414
gT
BU45L412
mR
BU45L414
4.0V
aY
BU45K402
dW
BU45K404
gS
BU45L402
mP
BU45L404
3.9V
aX
BU45K392
dT
BU45K394
gR
BU45L392
mN
BU45L394
3.8V
aW
BU45K382
dS
BU45K384
gP
BU45L382
mM
BU45L384
3.7V
aT
BU45K372
dR
BU45K374
gN
BU45L372
mK
BU45L374
3.6V
aS
BU45K362
dP
BU45K364
gM
BU45L362
mH
BU45L364
3.5V
aR
BU45K352
dN
BU45K354
gK
BU45L352
mG
BU45L354
3.4V
aP
BU45K342
dM
BU45K344
gH
BU45L342
mF
BU45L344
3.3V
aN
BU45K332
dK
BU45K334
gG
BU45L332
mE
BU45L334
3.2V
aM
BU45K322
dH
BU45K324
gF
BU45L322
mD
BU45L324
3.1V
aK
BU45K312
dG
BU45K314
gE
BU45L312
mC
BU45L314
3.0V
aH
BU45K302
dF
BU45K304
gD
BU45L302
mB
BU45L304
2.9V
aG
BU45K292
dE
BU45K294
gC
BU45L292
mA
BU45L294
2.8V
aF
BU45K282
dD
BU45K284
gB
BU45L282
kY
BU45L284
2.7V
aE
BU45K272
dC
BU45K274
gA
BU45L272
kX
BU45L274
2.6V
aD
BU45K262
dB
BU45K264
fY
BU45L262
kW
BU45L264
2.5V
aC
BU45K252
dA
BU45K254
fX
BU45L252
kT
BU45L254
2.4V
aB
BU45K242
cY
BU45K244
fW
BU45L242
kS
BU45L244
2.3V
aA
BU45K232
cX
BU45K234
fT
BU45L232
kR
BU45L234


Podobny numer części - BU45K254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BU4506 PHILIPS-BU4506 Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506 PHILIPS-BU4506 Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
BU4506AF PHILIPS-BU4506AF Datasheet
44Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
logo
Inchange Semiconductor ...
BU4506AF ISC-BU4506AF Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4506AX PHILIPS-BU4506AX Datasheet
45Kb / 6P
   Silicon Diffused Power Transistor
July 1999 Rev 1.000
More results

Podobny opis - BU45K254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com