Zakładka z wyszukiwarką danych komponentów |
|
CS1W-CN521 Arkusz danych(PDF) 5 Page - Omron Electronics LLC |
|
CS1W-CN521 Arkusz danych(HTML) 5 Page - Omron Electronics LLC |
5 / 38 page CS1 Ordering Guide 47< C200H Basic I/O Modules Item Description Mountable racks Bits allo- cated Standards Part number CPU rack C200H ex- pansion I/O racks CS1 ex- pansion racks SYSMAC BUS slave racks cated (CIO 0000 to CIO 0319) DC Input 12 VDC, 64 pt Yes Yes Yes Yes 64 U, CE C200H-ID111 DC In ut Modules 12 to 24 VDC, 8 inputs Yes Yes Yes Yes 16 U, C, N, L, CE C200H-ID211 24 VDC, 16 inputs Yes Yes Yes Yes 16 C200H-ID212 AC Input Modules 100 to 120 VAC, 8 inputs Yes Yes Yes Yes 16 U, C, N, L C200H-IA121 100 to 120 VAC, 16 inputs Yes Yes Yes Yes 16 CE C200H-IA122 200 to 240 VAC, 8 inputs Yes Yes Yes Yes 16 U, C, N, L C200H-IA221 200 to 240 VAC, 16 inputs Yes Yes Yes Yes 16 CE C200H-IA222 AC/DC Input Modules 12 to 24 VAC/VDC, 8 inputs Yes Yes Yes Yes 16 U, C, N, L, CE C200H-IM211 24 VAC/VDC, 16 inputs Yes Yes Yes Yes 16 C200H-IM212 B7A Input Modules 16 inputs Yes Yes Yes Yes 16 U, C, CE C200H-B7AI1 32 inputs (C200H group-2 Module) Yes Yes Yes No 32 U, C C200H-B7A12 Interrupt Input Module 12 to 24 VDC, 8 inputs Yes No No No 16 U, C, CE C200HS-INT01 Relay Output Modules 250 VAC/24 VDC, 2 A, 8 outputs max. Yes Yes Yes Yes 16 U, C, N, CE C200H-OC221 250 VAC/24 VDC, 2 A, 12 outputs max. Yes Yes Yes Yes 16 C200H-OC222 250 VAC/24 VDC, 2 A, 16 outputs max. Yes Yes Yes Yes 16 U, C, N, L, CE C200H-OC225 250 VAC/24 VDC, 2 A, 16 outputs max. Yes Yes Yes Yes 16 C200H-OC226 250 VAC/24 VDC, 2 A, isolated contacts, 5 outputs max. Yes Yes Yes Yes 16 U, C, N, L C200H-OC223 250 VAC/24 VDC, 2 A, isolated contacts, 8 outputs max. Yes Yes Yes Yes 16 C200H-OC224 Special Note: For current consumption, refer to Current Consumption Tables (the last 6 pages of this ordering guide). |
Podobny numer części - CS1W-CN521 |
|
Podobny opis - CS1W-CN521 |