Zakładka z wyszukiwarką danych komponentów |
|
SS49E-T3 Arkusz danych(PDF) 2 Page - Honeywell Accelerometers |
|
SS49E-T3 Arkusz danych(HTML) 2 Page - Honeywell Accelerometers |
2 / 7 page Table 1. Operating Characteristics (VS = 5.0 V, TA = -40 °C to 85 °C [-40 °F to 185°F], except where noted) Characteristic Condition Min. Typ. Max. Unit Output type — linear, sourcing — Magnetics type — analog — Supply voltage — 2.7 — 6.5 Vdc Supply current 25 °C [77 °F] — 6 10 mA Output voltage — 1.0 1.4 1.75 mV/Gauss Output current Vs > 3.0 V 1.0 1.5 — mA Null 0 Gauss, 25 °C 2.25 2.50 2.75 Vdc Output voltage span — 1.05 to (Vs - 1.05) 0.95 to (Vs - 0.95) — Vdc Magnetic range — ±650 ±1000 — Gauss Sensitivity 25 °C 1.0 1.4 1.75 mV/Gauss Operating temperature — -40 [-40] — 100 [212] °C [°F] Temperature error Null drift — -0.10 — 0.10 Sensitivity drift ≥25 °C -0.15 — 0.05 %/°C <25 °C -0.04 — 0.185 Linearity — — -0.7 — % of span Response time — — 3 — µs Table 2. Absolute Maximum Ratings Characteristic Parameter Supply voltage (Vs) -0.5 Vdc to 8.0 Vdc Output current 10 mA Storage temperature -55 C to 165 C [-67 F to 329 F] Figure 1. Current Sourcing Output Block Diagram Figure 2. Transfer Characteristics (VS = 5.0 Vdc) NOTICE Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the electrical and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached, nor will the device necessarily operate at absolute maximum ratings. |
Podobny numer części - SS49E-T3 |
|
Podobny opis - SS49E-T3 |