Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM7308G Arkusz danych(PDF) 4 Page - Power-One

Numer części DM7308G
Szczegółowy opis  DM7300G Series Digital Power Manager
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER-ONE [Power-One]
Strona internetowa  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7308G Arkusz danych(HTML) 4 Page - Power-One

  DM7308G Datasheet HTML 1Page - Power-One DM7308G Datasheet HTML 2Page - Power-One DM7308G Datasheet HTML 3Page - Power-One DM7308G Datasheet HTML 4Page - Power-One DM7308G Datasheet HTML 5Page - Power-One DM7308G Datasheet HTML 6Page - Power-One DM7308G Datasheet HTML 7Page - Power-One DM7308G Datasheet HTML 8Page - Power-One DM7308G Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 4 of 36
5
Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to the DPM. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Functional operation of the DPM at absolute maximum
ratings or conditions beyond those indicated in the operational sections of this specification is not implied.
Parameter
Conditions/Description
Min
Max
Units
Ambient Temperature Range
-40
85
°C
Storage Temperature (Ts)
-55
150
°C
Junction Temperature (TJ)
125
°C
Input Voltage
VDD pin
-0.3
3.6
VDC
Input Voltage
Any pin other than VDD
-0.5
VDD+0.5
VDC
Pin Current
DC
40
mA
6
Mechanical Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Peak Reflow Temperature
40 sec maximum duration
260
°C
Lead Plating
100% matte tin
Moisture Sensitivity Level
JEDEC J-STD-020C
3
7
Reliability Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Failure Rate
Demonstrated at 55°C,
60% Confidence Level
2.26
FIT
Non-Volatile Memory Endurance
-40°C to 85°C ambient
10,000
Read-
Write
cycles


Podobny numer części - DM7308G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
   DM70 Handheld Dew Point Meter For spot-checking applications
logo
List of Unclassifed Man...
DM7093 ETC1-DM7093 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
DM7094 ETC1-DM7094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
   MAGNITUDE COMPARATORS
More results

Podobny opis - DM7308G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
ZM7300G POWER-ONE-ZM7300G_10 Datasheet
693Kb / 33P
   Digital Power Manager
ZM7300G POWER-ONE-ZM7300G Datasheet
914Kb / 32P
   Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com