Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1415018-1 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części 3-1415018-1
Szczegółowy opis  General Purpose Relays Force Guided Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1415018-1 Arkusz danych(HTML) 3 Page - Tyco Electronics

  3-1415018-1 Datasheet HTML 1Page - Tyco Electronics 3-1415018-1 Datasheet HTML 2Page - Tyco Electronics 3-1415018-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR6 A/B/C/V (Continued)
Product code structure
Typical product code
SR6
A
4
012
Type
SR6 Relay with force guided contacts SR6
Contact arrangement
A 3 form A + 3 form B contacts (3 NO + 3 NC)
B 4 form A + 2 form B contacts (4 NO + 2 NC)
V
4 form A + 2 form B contacts (4 NO + 2 NC)
C 5 form A + 1 form B contacts (5 NO + 1 NC)
Contact material
4
AgSnO2 for 1200mW version
6
AgSnO2 + 0.2µm Au for 800mW version
Coil
Coil code: please refer to coil versions table (e.g. 024=24VDC)
Available types please see Part number table
Product code
Type
Arrangement Cont. material
Coil
Coil power
Alt. description
Part number
SR6A4005
6 pole
3 forrm A + 3 form B,
AgSnO2
5VDC
1200mW
V23050-A1005-A533
8-1415017-1
SR6A4012
relay with
3 NO + 3 NC
12VDC
V23050-A1012-A533
1-1415015-1
SR6A4021
force guided
contactts
21VDC
V23050-A1021-A533
3-1415018-1
SR6A4024
contacts
24VDC
V23050-A1024-A533
1415015-1
SR6A4048
48VDC
V23050-A1048-A533
6-1415018-1
SR6A4060
60VDC
V23050-A1060-A533
7-1415018-1
SR6A4110
110VDC
V23050-A1110-A533
9-1415018-1
SR6A6K12
AgSnO2+Au
12VDC
800mW
6-1415537-1
SR6A6K18
18VDC
6-1415537-3
SR6A6K24
24VDC
6-1415537-5
SR6B4005
4 form A + 2 form B,
AgSnO2
5VDC
1200mW
V23050-A1005-A542
1393260-1
SR6B4006
4 NO + 2 NC
6VDC
V23050-A1006-A542
1393260-2
SR6B4012
contacts
12VDC
V23050-A1012-A542
1393260-4
SR6B4018
18VDC
V23050-A1018-A542
1393260-5
SR6B4021
21VDC
V23050-A1021-A542
1393260-6
SR6B4024
24VDC
V23050-A1024-A542
1393260-7
SR6B4040
40VDC
V23050-A1040-A542
1393260-9
SR6B4048
48VDC
V23050-A1048-A542
1-1393260-0
SR6B4060
60VDC
V23050-A1060-A542
1-1393260-1
SR6B4085
85VDC
V23050-A1085-A542
1-1393260-2
SR6B4110
110VDC
V23050-A1110-A542
1-1393260-3
SR6B6K12
AgSnO2+Au
12VDC
800mW
7-1415537-6
SR6B6K15
15VDC
7-1415537-7
SR6B6K18
18VDC
7-1415537-8
SR6B6K21
21VDC
7-1415537-9
SR6B6K24
24VDC
8-1415537-0
SR6C4012
5 form A + 1 form B,
AgSnO2
12VDC
1200mW
V23050-A1012-A551
1-1415017-1
SR6C4024
5 No + 1 NC
24VDC
V23050-A1024-A551
1415017-1
SR6C4048
contacts
48VDC
V23050-A1048-A551
2-1415019-1
SR6C4060
60VDC
V23050-A1060-A551
3-1415019-1
SR6C4110
110VDC
V23050-A1110-A551
5-1415019-1
SR6C6K24
AgSnO2+Au
24VDC
800mW
9-1415537-4
SR6V6K12
4 form A + 2 form B,
12VDC
3-1415542-5
SR6V6K15
4 NO + 2 NC
15VDC
2-1415543-2
SR6V6K18
contacts
18VDC
3-1415543-3
SR6V6K21
21VDC
4-1415542-4
SR6V6K24
24VDC
5-1415539-2


Podobny numer części - 3-1415018-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
3-1415018-1 TEC-3-1415018-1 Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
3-1415018-1 TEC-3-1415018-1 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Podobny opis - 3-1415018-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
SR6 MACOM-SR6_11 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 9P
   RF1V Force Guided Relays/SF1V Relay Sockets
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com