Zakładka z wyszukiwarką danych komponentów |
|
5-104895-1 Arkusz danych(PDF) 5 Page - Tyco Electronics |
|
5-104895-1 Arkusz danych(HTML) 5 Page - Tyco Electronics |
5 / 13 page 92 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) Board-to-Board Vertical Headers, Dual-Row, 1.27 x 1.27 [.050 x .050] Centerline Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze; duplex plated 0.00076 [.000030] gold in mating area, 0.00381 [.000150] tin on solder tail, with entire contact underplated 0.00127 [.000050] nickel Holddown — Copper alloy; plated 0.00381 [.000150] tin over 0.00127 [.000050] nickel Related Product Data Mating Receptacles — pages 91, 97 (without latch only) PC Board Layouts — page 93 Technical Documents (page 113) Product Specification 108-1332 Application Specification 114-7010 Packaging: Tube or Tape and Reel Header Part Numbers No. of Dimension .250 [6.35] Mated Height .320 [8.13] Mated Height .390 [9.91] Mated Height Pos. A Tubes Tape & Reel* Tubes Tape & Reel* Tubes Tape & Reel* Hold Down No Hold Down Hold Down No Hold Down 10 9.44 [.372] 5-104655-1 5-147381-1 5-147121-1 5-104656-1 5-147382-1 5-104693-1 — 5-147383-1 20 15.79 [.622] 5-104655-3 5-147381-2 5-147121-2 5-104656-2 5-147382-2 5-104693-2 — 5-147383-2 30 22.14 [.872] 5-104655-4 5-147381-3 — 5-104656-3 5-147382-3 5-104693-3 — 5-147383-3 40 28.49 [1.122] 5-104655-5 5-147381-4 — 5-104656-4 5-147382-4 5-104693-4 — 5-147383-4 50 34.84 [1.372] 5-104655-6 5-147381-5 — 5-104656-5 5-147382-5 5-104693-5 — 5-147383-5 60 41.19 [1.622] 5-104655-7 5-147381-6 — 5-104656-6 5-147382-6 5-104693-6 — 5-147383-6 70 47.54 [1.872] 5-104655-8 5-147381-7 — 5-104656-7 5-147382-7 5-104693-7 — 5-147383-7 80 53.89 [2.122] 5-104655-9 5-147381-8 — 5-104656-8 5-147382-8 5-104693-8 — 5-147383-8 90 60.24 [2.372] — — — 5-104656-9 — 5-104693-9 — — 100 66.59 [2.622] 6-104655-1 5-147381-9 — 6-104656-0 5-147382-9 6-104693-0 5-147503-1 5-147383-9 *Parts packaged in tape and reel have vacuum pick and place cover. See PC Board Layout on page 93. Note: Part Numbers are RoHS compliant. For 6.35 [.250] Mated Height For 8.13 [.320] Mated Height For 9.91 [.390] Mated Height 1.27 [.050] 1.27 [.050] 1.27 [.050] 0.76 [.030] 0.76 [.030] 1.27 [.050] 5.728 [.2255] 5.71 [.225] 7.557 [.2975] 9.335 [.3675] A A A 0.76 [.030] 1.27 [.050] |
Podobny numer części - 5-104895-1 |
|
Podobny opis - 5-104895-1 |