Zakładka z wyszukiwarką danych komponentów |
|
5-104895-2 Arkusz danych(PDF) 9 Page - Tyco Electronics |
|
5-104895-2 Arkusz danych(HTML) 9 Page - Tyco Electronics |
9 / 13 page 96 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) Cable-to-Board Connectors Product Facts ■ Dual-row receptacle connectors provide cable- to-board connection capabilities for vertical headers (non-latching) and right angle headers (latching and non-latching) ■ IDC (Insulation Displacement Crimp) mass termination of solid or stranded round conductor 1.27 [.050] centerline ribbon cable with PVC or polyethylene insulation ■ Accommodates ribbon cable conductor sizes of 28 AWG [0.08-0.09 mm2] and 30 AWG [0.05 mm2] and insulation diameters up to 0.91 [.036] maximum ■ Reliable single beam receptacle contact design ■ Duplex plated receptacle contacts; gold plated in mating area, bright tin-lead in termination area ■ Terminating covers (sold separately) provide both strain relief and protection to the termination area ■ Sizes of 10, 20, 30, 40, 50, 60, 70, 80 and 100 positions ■ Connectors available with or without metal latch ■ Connectors without latches are polarized to help prevent mismating ■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 ■ Certified by Canadian Standards Association File No. LR7189 R R These dual-row cable connectors, with a 1.27 x 1.27 [.050 x .050] centerline contact spacing, provide cable-to-board connection capabilities for the AMPMODU 50/50 Grid Connector System. Cable connectors without a latch will mate with the vertical headers (page 92), while cable connectors with or without a latch can be used to mate with the right angle headers (page 95). The cable connectors feature reliable single-beam IDC (insulation displace- ment crimp) contacts which are duplex plated with 0.00076 [.000030] gold. These contacts can be mass terminated to either solid or stranded round conductor ribbon cable with conductor sizes of 28 AWG [0.08-0.09 mm2] and 30 AWG [0.05 mm2] and a maximum insulation diame- ter of 0.91 [.036]. During termination, the terminating covers, which must be pur- chased separately, assist in guiding the wire into the IDC contacts, then provide strain relief when fully seated. Actual termination is accomplished with the Tyco Electronics manual tooling shown on page 99. The latching version of the cable connector is equipped with a metal latch which provides positive retention of the receptacle cable connector when mated with a surface- mounted right angle header. The cable connec- tor without a metal latch features polarization to help prevent mismating. All connectors are available in sizes ranging from 10 through 100 positions (in 10 position increments). See Catalog 1307819 for additional AMPMODU product offerings. |
Podobny numer części - 5-104895-2 |
|
Podobny opis - 5-104895-2 |