Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-104895-6 Arkusz danych(PDF) 9 Page - Tyco Electronics

Numer części 5-104895-6
Szczegółowy opis  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104895-6 Arkusz danych(HTML) 9 Page - Tyco Electronics

Back Button 5-104895-6 Datasheet HTML 5Page - Tyco Electronics 5-104895-6 Datasheet HTML 6Page - Tyco Electronics 5-104895-6 Datasheet HTML 7Page - Tyco Electronics 5-104895-6 Datasheet HTML 8Page - Tyco Electronics 5-104895-6 Datasheet HTML 9Page - Tyco Electronics 5-104895-6 Datasheet HTML 10Page - Tyco Electronics 5-104895-6 Datasheet HTML 11Page - Tyco Electronics 5-104895-6 Datasheet HTML 12Page - Tyco Electronics 5-104895-6 Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
96
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Cable-to-Board Connectors
Product Facts
Dual-row receptacle
connectors provide cable-
to-board connection
capabilities for vertical
headers (non-latching)
and right angle headers
(latching and non-latching)
IDC (Insulation
Displacement Crimp) mass
termination of solid or
stranded round conductor
1.27 [.050] centerline
ribbon cable with PVC or
polyethylene insulation
Accommodates ribbon cable
conductor sizes of 28 AWG
[0.08-0.09 mm2] and 30
AWG [0.05 mm2] and
insulation diameters up to
0.91 [.036] maximum
Reliable single beam
receptacle contact design
Duplex plated receptacle
contacts; gold plated in
mating area, bright tin-lead
in termination area
Terminating covers (sold
separately) provide both
strain relief and protection
to the termination area
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
Connectors available with or
without metal latch
Connectors without latches
are polarized to help
prevent mismating
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association
File No. LR7189
R
R
These dual-row cable
connectors, with a 1.27 x
1.27 [.050 x .050] centerline
contact spacing, provide
cable-to-board connection
capabilities for the
AMPMODU 50/50 Grid
Connector System. Cable
connectors without a latch
will mate with the vertical
headers (page 92), while
cable connectors with or
without a latch can be used
to mate with the right angle
headers (page 95).
The cable connectors
feature reliable single-beam
IDC (insulation displace-
ment crimp) contacts which
are duplex plated with
0.00076 [.000030] gold.
These contacts can be
mass terminated to either
solid or stranded round
conductor ribbon cable with
conductor sizes of 28 AWG
[0.08-0.09 mm2] and 30
AWG [0.05 mm2] and a
maximum insulation diame-
ter of 0.91 [.036]. During
termination, the terminating
covers, which must be pur-
chased separately, assist in
guiding the wire into the
IDC contacts, then provide
strain relief when fully
seated. Actual termination
is accomplished with the
Tyco Electronics manual
tooling shown on page 99.
The latching version of
the cable connector is
equipped with a metal latch
which provides positive
retention of the receptacle
cable connector when
mated with a surface-
mounted right angle
header. The cable connec-
tor without a metal latch
features polarization to
help prevent mismating.
All connectors are available
in sizes ranging from 10
through 100 positions (in
10 position increments).
See Catalog 1307819 for
additional AMPMODU product
offerings.


Podobny numer części - 5-104895-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104892-1 MACOM-5-104892-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-2 MACOM-5-104892-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-3 MACOM-5-104892-3 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-4 MACOM-5-104892-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
5-104892-5 MACOM-5-104892-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Podobny opis - 5-104895-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com