Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-104894-6 Arkusz danych(PDF) 10 Page - Tyco Electronics

Numer części 5-104894-6
Szczegółowy opis  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104894-6 Arkusz danych(HTML) 10 Page - Tyco Electronics

Back Button 5-104894-6 Datasheet HTML 5Page - Tyco Electronics 5-104894-6 Datasheet HTML 6Page - Tyco Electronics 5-104894-6 Datasheet HTML 7Page - Tyco Electronics 5-104894-6 Datasheet HTML 8Page - Tyco Electronics 5-104894-6 Datasheet HTML 9Page - Tyco Electronics 5-104894-6 Datasheet HTML 10Page - Tyco Electronics 5-104894-6 Datasheet HTML 11Page - Tyco Electronics 5-104894-6 Datasheet HTML 12Page - Tyco Electronics 5-104894-6 Datasheet HTML 13Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Cable-to-Board Receptacle Connectors, Dual-Row, 1.27 x 1.27
[.050 x .050] Centerline
Material and Finish
Housing — Thermoplastic, black,
94V-0 rated
Latch — Stainless steel
Contacts — Phosphor bronze; duplex
plated 0.00076 [.000030] minimum
gold in mating area, 0.00381 [.000150]
minimum tin in termination area, with
entire contact underplated 0.00127
[.000050] minimum nickel
Related Product Data
Mating Headers — pages 92, 95
(latching)
Terminating Covers (Must be
Purchased Separately, 2 Required
per Connector) — page 98
Termination Tooling — page 99
Technical Documents (page 113)
Product Specification 108-1443
Application Specification
408-9817, 408-9909
Packaging: Tube
A
No. of
Dimensions
Receptacle
Pos.
Part Numbers
AB
C
D
With Latch
Without Latch
10
14.68 [.578]
4
5.08 [.200]
6.76 [.266]
5-104892-1
5-104893-1
20
21.03 [.828]
9
11.43 [.450]
13.11 [.516]
5-104892-2
5-104893-2
30
27.38 [1.078]
14
17.78 [.700]
19.46 [.766]
5-104892-3
5-104893-3
40
33.73 [1.328]
19
24.13 [.950]
25.81 [1.016]
5-104892-4
5-104893-4
50
40.08 [1.578]
24
30.48 [1.200]
32.16 [1.266]
5-104892-5
5-104893-5
60
46.43 [1.828]
29
36.83 [1.450]
38.51 [1.516]
5-104892-6
5-104893-6
70
52.78 [2.078]
34
43.18 [1.700]
44.86 [1.766]
5-104892-7
5-104893-7
80
59.13 [2.328]
39
49.53 [1.950]
51.21 [2.016]
5-104892-8
5-104893-8
100
71.83 [2.828]
49
62.23 [2.450]
63.91 [2.516]
6-104892-0
6-104893-0
Note: Part Numbers are RoHS compliant.
7.11
[.280]
15.94
[.627]
17.56
[.690]
D
3.05
[.120]
B Spaces at
1.27 [.050] = C
7.21
[.284]
8.31
[.327]
1.27
[.050]
1.27
[.050]
Typ
97
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)


Podobny numer części - 5-104894-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-104894-6 MACOM-5-104894-6 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Podobny opis - 5-104894-6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com